Electronic Components Datasheet Search
  English  ▼

X  

BTM852 Datasheet(PDF) 11 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM852
Description  Bluetooth Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM852 Datasheet(HTML) 11 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM852 Datasheet HTML 7Page - BUDDIES TECHNOLOGY LIMITED. BTM852 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. BTM852 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTM852 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM852 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTM852 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM852 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM852 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. BTM852 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
http://www.buddies-tech.com
BTM852 DATASHEET
11
5. PHYSICAL INTERFACE
5.1
Power Supply
The transient response of the regulator is important. If the power rails of the module are
supplied from an external voltage source, the transient response of any regulator used
should be 20µs or less.
5.2
RF Interface
The module integrates a balun filter. The user can connect a 50ohms antenna directly to the
RF port. The module integrates PCB antenna.
5.3
Serial Interfaces
5.3.1
USB
There is a full speed (12M bits/s) USB interface for communicating with other
compatible digital devices. The module acts as a USB peripheral, responding to request
from a master host controller, such as a PC.
The module features an internal USB pull-up resistor. This pulls the USB_DP pin weakly
high when module is ready to enumerate. It signals to the USB master that it is a full
speed (12Mbit/s) USB device. The USB internal pull-up is implemented as a current
source, and is compliant with section7.1.5 of the USB specification v1.2. The internal
pull-up pulls USB_DP high to at least 2.8V when loaded
with
a
15k
±5%
pull-down resistor (in
the hub/host) when
VDD
=3.1V. This presents a The
venin resistance to the host of at least 900 . Alternatively, an external 1.5k
pull-up
resistor can be placed between a PIO line and DP on the USB cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com