Electronic Components Datasheet Search
  English  ▼

X  

BTM852 Datasheet(PDF) 13 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM852
Description  Bluetooth Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM852 Datasheet(HTML) 13 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM852 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. BTM852 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTM852 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM852 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTM852 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM852 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM852 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. BTM852 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. BTM852 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
http://www.buddies-tech.com
BTM852 DATASHEET
13
6. ELECTRICAL CHARACTERISTIC
6.1
Absolute Maximum Rating
Rating
Min
Max
Unit
Storage Temperature
-40
+150
°C
Operating Temperature
-40
+105
°C
PIO/AIO Voltage
-0.4
+3.6
V
+5V Voltage
-0.4
+5.5
V
USB_DP/USB_DN Voltage
-0.4
+5.5
V
Other Terminal Voltages except RF
-0.4
5V+0.4
V
6.2
Recommended Operating Conditions
Operating Condition
Min
Typical
Max
Unit
Operating Temperature Range
-40
--
+85
°C
+5V Voltage
+5.0
+5.0
+5.5
V
6.3
Input/output Terminal Characteristics
6.3.1
Digital Terminals
Supply Voltage Levels
Min
Typical
Max
Unit
Input Voltage Levels
VIL input logic level low
-0.3
-
+0.25x5V
V
VIH input logic level high
0.625*5V
-
5V+0.3
V
Output Voltage Levels
VOL output logic level low, lOL = 4.0mA
-
-
0.125
V
VOH output logic level high, lOH = -4.0mA
0.75x5V
-
0.625x5V
V
Input and Tri-state
Current
Ii input leakage current at Vin=+3V3 or 0V
-100
0
100
nA
Ioz tri-state output leakage current at Vo=+3V3 or 0V
-100
0
100
nA
With strong pull-up
-100
-40
-10
µ
A
With strong pull-down
10
40
100
µ
A
With weak pull-up
-5
-1.0
-0.2
µ
A
With weak pull-down
0.2
+1.0
5.0
µ
A
I/O pad leakage current
-1
0
+1
µ
A
Table 1
Table 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com