Electronic Components Datasheet Search
  English  ▼

X  

E-VISION2 Datasheet(PDF) 3 Page - MKS Instruments.

Part # E-VISION2
Description  STABILITY, ACCURACY AND SPEED A COST EFFECTIVE RGA FOR GENERAL PURPOSE VACUUM ANALYSIS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

E-VISION2 Datasheet(HTML) 3 Page - MKS Instruments.

  E-VISION2 Datasheet HTML 1Page - MKS Instruments. E-VISION2 Datasheet HTML 2Page - MKS Instruments. E-VISION2 Datasheet HTML 3Page - MKS Instruments. E-VISION2 Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
e-Vision 2 Electronics
Mounted weight on flange
1.7kg
power
24V DC, 2A external universal voltage supply (included)
Maximum operating conditions
10-40°C, 80% RH (non condensing)
Communication
10/100 Base-T Ethernet, static or automatically assigned IP addresses
Data acquisition method
Dedicated realtime acquisition processor
Data collection methods
Analog scanning, full mass range 8, 16 or 32 points/amu
Barchart scanning
Peak-jump collection of up to 15 peaks per scan
Maximum data acquisition speed
<3ms per point for analog scans
Settling time from Full Range to
baseline Signal
<20ms
Control method
CE operating system processor with web-server interface
Command structure
Documented ASCII command protocols
Electron energy
40 or 70eV fixed (set in web configuration)
Emission current
1 mA
Filament protection
Opto-isolated input for filament protect or control with auto detection of presence
of the jack plug as failsafe
Software
Built-in web applications allowing RGA control and data aquisition without
installed software using web browser on any PC
Optional EasyView for Windows 2000, XP or Vista
e-Vision 2 Analyzers
Mass range
100 or 200 amu
Filter length
4” (100mm)
Detector
Faraday or Dual Faraday Microchannel Plate Electron Multiplier
Filaments
Tungsten or Thoria Coated Iridium
Maximum operating pressure
1e-4 Torr (1.3e-4 mbar)
ion source sensitivity
2e-4 A/mbar
Minimum detectable partial pressure
(3
σ baseline noise at 300ms
integration)
2e-11 Torr (2.6e-11 mbar) Faraday
5e-14 Torr (6.7e-14 mbar) Multiplier
Mass stability
±0.1 amu over 8 hours at stable ambient
Resolution
Better than 10% valley for peaks of equal height across mass range
bakeout temperature
250°C with electronics removed
Operating temperature
200°C Faraday only with electronics 10-40°C
150°C Multiplier with electronics 10-40°C and pressure <1e-8 mbar
90°C Multiplier with electronics 10-40°C and pressure <1e-5 mbar
Compliance
CE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com