Electronic Components Datasheet Search
  English  ▼

X  

E-VISION2 Datasheet(PDF) 4 Page - MKS Instruments.

Part # E-VISION2
Description  STABILITY, ACCURACY AND SPEED A COST EFFECTIVE RGA FOR GENERAL PURPOSE VACUUM ANALYSIS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

E-VISION2 Datasheet(HTML) 4 Page - MKS Instruments.

  E-VISION2 Datasheet HTML 1Page - MKS Instruments. E-VISION2 Datasheet HTML 2Page - MKS Instruments. E-VISION2 Datasheet HTML 3Page - MKS Instruments. E-VISION2 Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2
2
Ordering Information
e-Vision 2 - 2/18
© 2009-2018 MKS Instruments, Inc.
All rights reserved.
MKS products provided subject to the US Export Regulations. Diversion or transfer contrary to US law is prohibited.
Specifications are subject to change without notice. mksinst™ is a trademark of MKS Instruments, Inc.
1
0-00
3.5MM PHONO JACK
DN40CF ANALYSER
MOUNTING FLANGE
(APPROX 2M LG)
43
POWER SUPPLY MODULE
MAINS CABLE
146
1250 APPROX
24V
DC
46.1
179
127
146
Dimensional Drawing —
Note: Unless otherwise specified, dimensions are nominal values in mm.
EV
0
Example
Ordering Code: EVX-YZ0-00A (Example: EV2-120-000)
Code
Configuration
e-Vision 2
EV
Software Option (X)
Web Application Only
2
EasyView
E
Mass Range (Y)
100 amu
1
200 amu
2
Detector Type (Z)
Faraday Only
1
Multichannel Plate Dual
2
Reserved Digits 6, 7, and 8 (0-00)
TBD
0-00
Filament Choice (A)
Tungsten Filaments
0
Thoria Coated Iridium
1
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel:
978.645.5500
Tel:
800.227.8766 (in USA)
Web: www.mksinst.com
MKS Instruments, Inc.
Mass Spectrometry
Solutions
3635 Peterson Way
Santa Clara, CA 95054
Tel: 408.750.0300
MKS Instruments, Inc.
Mass Spectrometry
SolutionsS sis
Cowley Way
Crewe, Cheshire CW1 6AG
Tel: +44.1270.250150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com