Electronic Components Datasheet Search
  English  ▼

X  

ACS720 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ACS720
Description  High Accuracy, Dual Fault, Galvanically Isolated Current Sensor in SOIC16 Wide-Body Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS720 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ACS720 Datasheet HTML 9Page - Allegro MicroSystems ACS720 Datasheet HTML 10Page - Allegro MicroSystems ACS720 Datasheet HTML 11Page - Allegro MicroSystems ACS720 Datasheet HTML 12Page - Allegro MicroSystems ACS720 Datasheet HTML 13Page - Allegro MicroSystems ACS720 Datasheet HTML 14Page - Allegro MicroSystems ACS720 Datasheet HTML 15Page - Allegro MicroSystems ACS720 Datasheet HTML 16Page - Allegro MicroSystems ACS720 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
High Accuracy, Dual Fault, Galvanically Isolated
Current Sensor in SOIC16 Wide-Body Package
ACS720
13
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
x80AB PERFORMANCE CHARACTERISTICS
: Valid at TA = – 40°C to 125°C, VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
NOMINAL PERFORMANCE
Optimized Accuracy Range
IPR
–80
–
80
A
Sensitivity
Sens
–
16
–
mV/A
Zero-Current Output Voltage
VIOUT(Q)
IP = 0 A
–
1.5
–
V
Fast Fault Trip Level
IFF(HIGH)
VOC_F = 0.7 × VCC
–
180
–
A
IFF(LOW)
VOC_F = 0.38 × VCC
–
100
–
A
Slow Fault Trip Level
ISF(HIGH)
VOC_S = 0.7 × VCC
–
100
–
A
ISF(LOW)
VOC_S = 0.3 × VCC
–
40
–
A
TOTAL OUTPUT ERROR COMPONENTS [2] ETOT(IP) = {[VIOUT_ideal(IP) – VIOUT(IP)] / [Sensideal(IP) × IP]} × 100 (%)
Total Output Error[3]
ETOT
IP = IPR(max), TA = 25°C to 125°C
–1.5
±0.6
1.5
%
IP = IPR(max), TA = –40°C to 25°C
–4
±1.5
4
%
Sensitivity Error
ESENS
IP = IPR(max), TA = 25°C to 125°C
–1.5
±0.5
1.5
%
IP = IPR(max), TA = –40°C to 25°C
–4
±1.5
4
%
Offset Voltage
VOE
IP = 0 A, TA = 25°C to 125°C
–10
±3.5
10
mV
IP = 0 A, TA = –40°C to 25°C
–30
±9
30
mV
OVERCURRENT FAULT PERFORMANCE
Fast Fault Error
EFF(HIGH)+
VOC_F = 0.7 × VCC, Positive IP, TA = 25°C
–10
±5
10
%
VOC_F = 0.7 × VCC, Positive IP, TA = 25°C to 125°C
–10
±5
10
%
VOC_F = 0.7 × VCC, Positive IP, TA = –40°C to 25°C
–
±15
–
%
EFF(HIGH)–
VOC_F = 0.7 × VCC, Negative IP, TA = 25°C
–10
±5
10
%
VOC_F = 0.7 × VCC, Negative IP, TA = 25°C to 125°C
–10
±5
10
%
VOC_F = 0.7 × VCC, Negative IP, TA = –40°C to 25°C
–
±15
–
%
EFF(LOW)+
VOC_F = 0.38 × VCC, Positive IP, TA = 25°C
–20
±15
20
%
VOC_F = 0.38 × VCC, Positive IP, TA = 25°C to 125°C
–20
±15
20
%
VOC_F = 0.38 × VCC, Positive IP, TA = –40°C to 25°C
–
±25
–
%
EFF(LOW)-
VOC_F = 0.38 × VCC, Negative IP, TA = 25°C
–20
±15
20
%
VOC_F = 0.38 × VCC, Negative IP, TA = 25°C to 125°C
–20
±15
20
%
VOC_F = 0.38 × VCC, Negative IP, TA = –40°C to 25°C
–
±30
–
%
Slow Fault Error
ESF(HIGH)
VOC_S = 0.7 × VCC, IP rising
–8
±4
8
%
ESF(LOW)
VOC_S = 0.3 × VCC, IP rising
–10
±5
10
%
Fast Fault Delay Code
–
0
–
Slow Fault Delay Code
–
4
–
FAULT CHARACTERISTICS
Fast Fault Response Time
tR(FF)
Time from IP rising above IFF until
VFAULT_F < VFAULTL for a current step from 0 to
1.2 × IFAULT(FAST); RPU = 10 kΩ,
100 pF from FAULT_F to ground
–
1.5
2
μs
Slow Fault Response Time
tR(SF)
Time from IP rising above ISF until
VFAULT_S < VFAULTL for a current step from 0 to
1.2 × IFAULT(SLOW); RPU = 10 kΩ, 100 pF from FAULT_S to ground
–
13
–
μs
[1]
Typical values with +/- are 3 sigma values.
[2]
A single part will not have both the maximum/minimum sensitivity error and maximum/minimum offset voltage, as that would violate the maximum/minimum total output
error specification. Also, 3 sigma distribution values are combined by taking the square root of the sum of the squares.
[3]
Percentage of IP, with IP = IPR(max).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com