Electronic Components Datasheet Search
  English  ▼

X  

ACS720 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS720
Description  High Accuracy, Dual Fault, Galvanically Isolated Current Sensor in SOIC16 Wide-Body Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS720 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS720 Datasheet HTML 1Page - Allegro MicroSystems ACS720 Datasheet HTML 2Page - Allegro MicroSystems ACS720 Datasheet HTML 3Page - Allegro MicroSystems ACS720 Datasheet HTML 4Page - Allegro MicroSystems ACS720 Datasheet HTML 5Page - Allegro MicroSystems ACS720 Datasheet HTML 6Page - Allegro MicroSystems ACS720 Datasheet HTML 7Page - Allegro MicroSystems ACS720 Datasheet HTML 8Page - Allegro MicroSystems ACS720 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
High Accuracy, Dual Fault, Galvanically Isolated
Current Sensor in SOIC16 Wide-Body Package
ACS720
2
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
SELECTION GUIDE
Part Number
Sensing Range,
IPR (A)
Sensitivity,
Sens (Typ) (mV/A)
Fast Fault Mask
Time (Typ) (µs)
TA
(°C)
Packing*
ACS720KLATR-15AB-T
±15
90
0
–40 to 125
Tape and Reel,
1000 pieces
per reel
ACS720KLATR-15AB-T-4
±15
90
1.5
ACS720KLATR-35AB-T
±35
38.5
0
ACS720KLATR-35AB-T-4
±35
38.5
1.5
ACS720KLATR-65AB-T
±65
20.5
0
ACS720KLATR-65AB-T-4
±65
20.5
1.5
ACS720KLATR-80AB-T
±80
16
0
ACS720KLATR-80AB-T-4
±80
16
1.5
*Contact Allegro for packing options.
Near closed-loop accuracy is achieved in this open-loop sensor due
toAllegro’s patented, digital temperature compensation, ultimately
offering a smaller and more economical solution for many current
sensing applications that traditionally rely on closed-loop core
based sensors.
DESCRIPTION (continued)
Figure 2: Typical Applications
IP
IP+
IP+
IP+
IP+
VOC_S
VOC_F
FILTER
GND
IP-
IP-
IP-
IP-
FAULT_F/
VCC
VIOUT
FAULT_S/
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IP
IP+
IP+
IP+
IP+
VOC_S
VOC_F
FILTER
GND
IP-
IP-
IP-
IP-
FAULT_F/
VCC
VIOUT
FAULT_S/
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IP
IP+
IP+
IP+
IP+
VOC_S
VOC_F
FILTER
GND
IP-
IP-
IP-
IP-
FAULT_F/
VCC
VIOUT
FAULT_S/
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VOC_S
VOC_F
VOC_S
VOC_F
VOC_S
VOC_F
CF
CF
CF
5 V
5 V
5 V
FF
SF
FF
SF
FF
SF
3.3 V
RPU
3.3 V
FF
MCU
Digital I/O
GND
ADC1
Digital I/O
VCC
ADC2
ADC3
RPU
SF
5 V
VOC_S
VOC_F
CB
CB
CB
1
2
3
4
5
6
7
8
IP+
IP+
IP+
IP+
IP–
IP–
IP–
IP–
16
15
14
13
12
11
10
9
VOC_S
VOC_F
VCC
FAULT_F
VIOUT
FILTER
FAULT_S
GND
VCC
Digital I/O
ADC
Digital I/O
GND
ACS720
CF
IP
5 V
MCU
3.3 V
RPU
RPU
CBYPASS
Three Phase
Single Phase
TheACS720 is provided in a small surface-mount SOIC16 package.
The leadframe is plated with 100% matte tin, which is compatible
withstandardlead(Pb)freeprintedcircuitboardassemblyprocesses.
Internally,thedeviceisPb-free,exceptforflip-chiphigh-temperature
Pb-based solder balls, currently exempt from RoHS. The device is
fully calibrated prior to shipment from the factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com