Electronic Components Datasheet Search
  English  ▼

X  

6B11 Datasheet(PDF) 2 Page - Analog Devices

Part # 6B11
Description  Isolated, Field Configurable Analog Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

6B11 Datasheet(HTML) 2 Page - Analog Devices

  6B11 Datasheet HTML 1Page - Analog Devices 6B11 Datasheet HTML 2Page - Analog Devices 6B11 Datasheet HTML 3Page - Analog Devices 6B11 Datasheet HTML 4Page - Analog Devices 6B11 Datasheet HTML 5Page - Analog Devices 6B11 Datasheet HTML 6Page - Analog Devices 6B11 Datasheet HTML 7Page - Analog Devices 6B11 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
6B11 / 6B11HV
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 6B11 and 6B11HV are single-channel isolated signal-
conditioning modules which accept the outputs from
thermocouple, milli-volt, voltage, and process current signals.
Unlike conventional signal conditioners, the 6B11 and 6B11HV
are complete microcomputer-based data acquisition systems. A
major advantage of the onboard microcontroller is its ability to
be remotely reconfigured for various sensor types and input
ranges.
Synchronized Sampling – The synchronized sampling
command allows data to be sampled simultaneously from all
6B11, 6B11HV, 6B12, 6B12HV modules and all 6B50 boards in a
6B Series system. Each module or board stores the data in a
separate register within its microcontroller and can access the
data with a separate command.
Software Configuration – The 6B11 and 6B11HV linearize and
compensate J, K, T, E, R, S and B thermocouples. Additionally,
these modules also digitize milli-volt and voltage ranges from
+15mV to +5V as well as 0 to +20mA process current inputs.
Software is used to configure the 6B11 and 6B11HV modules
for address, input range, baud rae, data format, checksum status
and integration time. All programmable parameters are stored
in the nonvolatile memory of the module.
Each analog input signal is conditioned and scaled by a
programmable-gain amplifier and digitized by a 16-bit
integrating converter under microprocessor control. The
digitized value is passed serially across a magnetically isolated
barrier (1500 V rms – Model 6B11, 2500 V rms – Model
6B11HV) and clocked in by a custom controller chip. The on-
board microprocessor then converts the data into engineering
units as determined by the channel parameters. In between
conversions, the microprocessor auto zeros the offset and gain
by monitoring the on-board temperature and compensating for
reference drift. Cold junction compensation (CJC) is also
performed at this stage. The 6B11 and 6B11HV use
compensation factors to ensure the highest accuracy possible.
.
.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com