Electronic Components Datasheet Search
  English  ▼

X  

6B11 Datasheet(PDF) 3 Page - Analog Devices

Part # 6B11
Description  Isolated, Field Configurable Analog Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

6B11 Datasheet(HTML) 3 Page - Analog Devices

  6B11 Datasheet HTML 1Page - Analog Devices 6B11 Datasheet HTML 2Page - Analog Devices 6B11 Datasheet HTML 3Page - Analog Devices 6B11 Datasheet HTML 4Page - Analog Devices 6B11 Datasheet HTML 5Page - Analog Devices 6B11 Datasheet HTML 6Page - Analog Devices 6B11 Datasheet HTML 7Page - Analog Devices 6B11 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6B11 / 6B11HV
Rev. 0 | Page 3 of 8
Models 6B11 and 6B11HV
Range Description
(Software Configurable)
Accuracy1
(Typical)
Accuracy1
(Maximum)
Noise
(Peak-to-Peak)
±15 mV
±0.03 % FS
±0.06 % FS
±0.02 % FS
±50 mV
±0.015 % FS
±0.04 % FS
±0.01 % FS
±100 mV
±0.0055 % FS
±0.03 % FS
±0.005 % FS
±500 mV
±0.005 % FS
±0.03 % FS
±0.002 % FS
±1 V
±0.005 % FS
±0.03 % FS
±0.005 % FS
±5 V
±0.005 % FS
±0.03 % FS
±0.0015 % FS
±20 mA
±0.008 % FS2
±0.03 % FS2
±0.005 % FS
J Thermocouple, 0°C to 760°C
±0.4°C
±0.75°C
±0.14°C
K Thermocouple, 0°C to 1000°C
±0.5°C
±0.75°C
±0.22°C
T Thermocouple, -100°C to +400°C
±0.5°C
±0.75°C
±0.2°C
E Thermocouple, 0°C to +1000°C
±0.5°C
±0.75°C
±0.2°C
R Thermocouple, +500°C to +1750°C
±0.63°C
±1.5°C
±0.3°C
S Thermocouple, +500°C to +1750°C
±0.62°C
±1.5°C
±0.4°C
B Thermocouple, +500°C to +1800°C
±1.2°C
±2.0°C
±0.7°C
1 Accuracy is given for 6B11 and 6B11HV module only. When measuring thermocouple signals, the CJC temperature sensor error should
be added to the module accuracy to compute the system accuracy. The AC1361 CJC temperature sensor is provided on each channel of
the 6B Series backplanes.
2 Does not include the error of the current to voltage input resistor, Model AC1381.
6B11 and 6B11HV Specifications
(typical @ +25°C and Vs = +5 V dc)
Description
Model 6B11 and 6B11HV
Inputs, Software Selectable
Thermocouple Types
J, K, T, E, R, S, B
mV
±15 mV to ±500 mV (Refer to Model Table)
Volt
±1 V; ±5 V
Current Range
±20 mA
Communications
Protocol
RS-485
Baud Rates, Software Selectable
300K, 600K, 1.2K, 2.4K. 9.6K, 19.2K
Accuracy
Initial @ +25°C
Refer to Model Table
Input Offset vs. Temperature
±0.3
µ V/°C
Span vs. Temperature
±3 ppm/°C (±25 ppm/°C, maximum)
Cold Junction Compensation1
Initial Accuracy @ +25°C
±0.25°C (±0.75°C, maximum)
Accuracy, +5°C to +45°C
±0.5°C (±0.0125°C/°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com