Electronic Components Datasheet Search
  English  ▼

X  

2N5656 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N5656
Description  POWER TRANSISTORS NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5656 Datasheet(HTML) 2 Page - ON Semiconductor

  2N5656 Datasheet HTML 1Page - ON Semiconductor 2N5656 Datasheet HTML 2Page - ON Semiconductor 2N5656 Datasheet HTML 3Page - ON Semiconductor 2N5656 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N5655 2N5657
http://onsemi.com
2
*ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage
2N5655
(IC = 100 mAdc (inductive), L = 50 mH)
2N5657
VCEO(sus)
250
350
–
–
Vdc
Collector–Emitter Breakdown Voltage
2N5655
(IC = 1.0 mAdc, IB = 0)
2N5657
V(BR)CEO
250
350
–
–
Vdc
Collector Cutoff Current
(VCE = 150 Vdc, IB = 0)
2N5655
(VCE = 250 Vdc, IB = 0)
2N5657
ICEO
–
–
0.1
0.1
mAdc
Collector Cutoff Current
(VCE = 250 Vdc, VEB(off) = 1.5 Vdc)
2N5655
(VCE = 350 Vdc, VEB(off) = 1.5 Vdc)
2N5657
(VCE = 150 Vdc, VEB(off) = 1.5 Vdc, TC = 100_C)
2N5655
(VCE = 250 Vdc, VEB(off) = 1.5 Vdc, TC = 100_C)
2N5657
ICEX
–
–
–
–
0.1
0.1
1.0
1.0
mAdc
Collector Cutoff Current
(VCB = 275 Vdc, IE = 0)
2N5655
(VCB = 375 Vdc, IE = 0)
2N5657
ICBO
–
–
10
10
µAdc
Emitter Cutoff Current (VEB = 6.0 Vdc, IC = 0)
IEBO
–
10
µAdc
ON CHARACTERISTICS
DC Current Gain (1)
(IC = 50 mAdc, VCE = 10 Vdc)
(IC = 100 mAdc, VCE = 10 Vdc)
(IC = 250 mAdc, VCE = 10 Vdc)
(IC = 500 mAdc, VCE = 10 Vdc)
hFE
25
30
15
5.0
–
250
–
–
–
Collector–Emitter Saturation Voltage (1)
(IC = 100 mAdc, IB = 10 mAdc)
(IC = 250 mAdc, IB = 25 mAdc)
(IC = 500 mAdc, IB = 100 mAdc)
VCE(sat)
–
–
–
1.0
2.5
10
Vdc
Base–Emitter Voltage (1)
(IC = 100 mAdc, VCE = 10 Vdc)
VBE
–
1.0
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain – Bandwidth Product (2)
(IC = 50 mAdc, VCE = 10 Vdc, f = 10 MHz)
fT
10
–
MHz
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 100 kHz)
Cob
–
25
pF
Small–Signal Current Gain (IC = 100 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
20
–
–
*Indicates JEDEC Registered Data for 2N5655 Series.
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
(2) fT is defined as the frequency at which |hfe| extrapolates to unity.
1.0
20
Figure 3. Active–Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
0.5
0.2
0.1
0.01
30 40
60
100
200
300 400
600
Second Breakdown Limit
Thermal Limit @ TC = 25°C
Bonding Wire Limit
Curves apply below rated VCEO
TJ = 150°C
d
c
1.0 ms
0.05
0.02
10
µs
2N5655
2N5657
500
µs
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC – VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 3 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. At high case temperatures, thermal limitations
will reduce the power that can be handled to values less than
the limitations imposed by second breakdown.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com