Electronic Components Datasheet Search
  English  ▼

X  

2N5656 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N5656
Description  POWER TRANSISTORS NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5656 Datasheet(HTML) 3 Page - ON Semiconductor

  2N5656 Datasheet HTML 1Page - ON Semiconductor 2N5656 Datasheet HTML 2Page - ON Semiconductor 2N5656 Datasheet HTML 3Page - ON Semiconductor 2N5656 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N5655 2N5657
http://onsemi.com
3
Figure 4. Current Gain
IC, COLLECTOR CURRENT (mA)
300
10
1.0
200
100
70
50
30
2.0
3.0
5.0
7.0
30
50
70
100
200
300
500
10
20
20
TJ = +150°C
+25°C
-55°C
VCE = 10 V
VCE = 2.0 V
+100°C
1.0
10
IC, COLLECTOR CURRENT (mA)
0.8
0.6
0.4
0
20
50
100
200 300
500
VBE(sat) @ IC/IB = 10
0.2
30
VBE @ VCE = 10 V
VCE(sat) @ IC/IB = 10
IC/IB = 5.0
TJ = +25°C
Figure 5. “On” Voltages
300
0.1
VR, REVERSE VOLTAGE (VOLTS)
10
2.0
5.0
10
20
50
100
0.2
0.5
1.0
200
70
50
30
Cib
Cob
100
20
TJ = +25°C
Figure 6. Capacitance
10
1.0
Figure 7. Turn–On Time
IC, COLLECTOR CURRENT (mA)
5.0
2.0
1.0
0.5
0.2
0.1
0.01
2.0
5.0
10
20
50
100
500
0.05
0.02
200
tr
IC/IB = 10
VCC = 300 V, VBE(off) = 2.0 V
(2N5657, only)
VCC = 100 V, VBE(off) = 0 V
td
10
1.0
Figure 8. Turn–Off Time
IC, COLLECTOR CURRENT (mA)
5.0
2.0
1.0
0.5
0.2
0.1
2.0
5.0
10
20
50
100
500
200
ts
IC/IB = 10
tf
VCC = 100 V
VCC = 300 V
(Type 2N5657, only)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com