Electronic Components Datasheet Search
  English  ▼

X  

ARS19200 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ARS19200
Description  ASIL-Compliant Wheel Speed Sensor IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ARS19200 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ARS19200 Datasheet HTML 1Page - Allegro MicroSystems ARS19200 Datasheet HTML 2Page - Allegro MicroSystems ARS19200 Datasheet HTML 3Page - Allegro MicroSystems ARS19200 Datasheet HTML 4Page - Allegro MicroSystems ARS19200 Datasheet HTML 5Page - Allegro MicroSystems ARS19200 Datasheet HTML 6Page - Allegro MicroSystems ARS19200 Datasheet HTML 7Page - Allegro MicroSystems ARS19200 Datasheet HTML 8Page - Allegro MicroSystems ARS19200 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ASIL-Compliant Wheel Speed Sensor IC
ARS19200
3
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
ELECTRICAL CHARACTERISTICS
Supply Voltage [2]
VCC
Operating, TJ < TJ(max)
4.0
–
24
V
Undervoltage Lockout
VCC(UV)
VCC 0 → 5 V or 5 → 0 V
–
3.6
3.95
V
Reverse Supply Current [3]
IRCC
VCC = VRCC(max)
–
–
–10
mA
Supply Zener Clamp Voltage
VZSUPPLY ICC = ICC(max) + 3 mA, TA = 25°C
28
–
–
V
Supply Zener Current
IZSUPPLY TA = 25°C, VCC = 28 V
–
–
19
mA
OUTPUT
Power-On State
POS
-H variant
–
ICC(HIGH)
–
–
-L variant
–
ICC(LOW)
–
–
Supply Current
ICC(LOW) Low-current state
5.9
–
8.4
mA
ICC(HIGH) High-current state
12
–
16
mA
Supply Current Ratio
ICC(HIGH) /
ICC(LOW)
Measured as ratio of high current to low current
(isothermal)
1.9
–
–
–
ASIL Safety Current
IRESET
1.0
–
3.3
mA
Output Rise, Fall Time
tr, tf
Corresponds to measured output slew rate with
CSUPPLY; RLOAD = 100 Ω, CL = 10 pF
0
–
1.5
μs
OPERATING CHARACTERISTICS
Operate Point
BOP
% of peak-to-peak IC-processed magnetic signal
–
60
–
%
Release Point
BRP
% of peak-to-peak IC-processed magnetic signal
–
40
–
%
Operating Frequency
fFWD
0
–
5
kHz
Figure 1: Typical Application Circuit
ARS19200
VCC
VCC
GND
RL
100 Ω
CL
1
2
Continued on the next page…
OPERATING CHARACTERISTICS: Valid throughout full operating and temperature ranges, unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com