Electronic Components Datasheet Search
  English  ▼

X  

ARS19200 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ARS19200
Description  ASIL-Compliant Wheel Speed Sensor IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ARS19200 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ARS19200 Datasheet HTML 1Page - Allegro MicroSystems ARS19200 Datasheet HTML 2Page - Allegro MicroSystems ARS19200 Datasheet HTML 3Page - Allegro MicroSystems ARS19200 Datasheet HTML 4Page - Allegro MicroSystems ARS19200 Datasheet HTML 5Page - Allegro MicroSystems ARS19200 Datasheet HTML 6Page - Allegro MicroSystems ARS19200 Datasheet HTML 7Page - Allegro MicroSystems ARS19200 Datasheet HTML 8Page - Allegro MicroSystems ARS19200 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ASIL-Compliant Wheel Speed Sensor IC
ARS19200
4
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
OPERATING CHARACTERISTICS (continued)
Input Signal
BSIG
Differential signal, measured peak-to-peak
20
–
1200
G
Allowable User-Induced Differential
Offset
BSIGEXT
External differential signal bias (DC), operating
within specification
–300
–
300
G
Sensitivity Temperature Coefficient [4]
TC
–
+0.2
–
%/°C
Total Pitch Deviation
For constant BSIG, sine wave
–
–
±2
%
Maximum Sudden Signal Amplitude
Change
BSEQ(n+1)
/ BSEQ(n)
No missed output edge. Instantaneous
symmetric magnetic signal amplitude change,
measured as a percentage of peak-to-peak BSIG
(see Figure 2)
–
0.6
–
–
Maximum Total Signal Amplitude
Change
BSEQ(max)
/BSEQ(min)
Overall symmetric magnetic signal amplitude
change, measured as a percentage of peak-to-
peak BSIG
–
0.2
–
–
[1]
Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.
[2]
Maximum voltage must be adjusted for power dissipation and junction temperature; see representative discussions in Power Derating section.
[3]
Negative current is defined as conventional current coming out of (sourced from) the specified device terminal.
[4]
Ring magnets decrease strength with rising temperature. Device compensates. Note that BSIG requirement is not influenced by this.
BSEQ(n)
BSEQ(n+1)
Figure 2: Differential Signal Variation
OPERATING CHARACTERISTICS (continued): Valid throughout full operating and temperature ranges, unless otherwise
specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com