Electronic Components Datasheet Search
  English  ▼

X  

MAX31342 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX31342
Description  Low-Current, Real-Time Clock with I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31342 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX31342 Datasheet HTML 16Page - Maxim Integrated Products MAX31342 Datasheet HTML 17Page - Maxim Integrated Products MAX31342 Datasheet HTML 18Page - Maxim Integrated Products MAX31342 Datasheet HTML 19Page - Maxim Integrated Products MAX31342 Datasheet HTML 20Page - Maxim Integrated Products MAX31342 Datasheet HTML 21Page - Maxim Integrated Products MAX31342 Datasheet HTML 22Page - Maxim Integrated Products MAX31342 Datasheet HTML 23Page - Maxim Integrated Products MAX31342 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
alarm registers. The alarm can also be programmed to repeat every minute, hour, day, or date. The table below
shows the possible settings. Configurations not listed in the table result in illogical operation. The DY_DT bit (bit 6 of
the alarm day/date registers) control whether the alarm value stored in bits 0-5 that register reflects the day of the
week or the date of the month. If DY_DT is written to logic 0, the alarm is the result of a match with date of the
month. If DY_DT is written to logic 1, the alarm is the result of a match with day of the week.
BIT
7
6
5
4
3
2
1
0
Field
A2M2
min_10[2:0]
minutes[3:0]
Reset
0x0
0x0
0x0
Access
Type
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
A2M2
7
Alarm2 mask bit for minutes
min_10
6:4
Alarm2 minutes in multiples of 10
minutes
3:0
Alarm2 minutes
Alm2_hrs (0x14)
Alarm2 Hours configuration register
BIT
7
6
5
4
3
2
1
0
Field
A2M3
Reserved
hr_10[1:0]
hour[3:0]
Reset
0x0
0x0
0x0
0x0
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
A2M3
7
Alarm2 mask bit for hours
Reserved
6
User must enter 0.
hr_10
5:4
Alarm2 hours in multiples of 10
hour
3:0
Alarm2 hours
Alm2day_date (0x15)
Alarm2 Day/Date Configuration register
BIT
7
6
5
4
3
2
1
0
Field
A2M4
DY_DT
date_10[1:0]
day_date[3:0]
Reset
0x0
0x0
0x0
0x0
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
A2M4
7
Alarm2 mask bit for day/date
DY_DT
6
This bit selects alarm when day match or
date match.
0x0: Alarm when date match
0x1: Alarm when day match
date_10
5:4
Alarm2 date in multiples of 10
day_date
3:0
Alarm2 day/date
MAX31342
Low-Current, Real-Time Clock with I2C Interface
www.maximintegrated.com
Maxim Integrated | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com