Electronic Components Datasheet Search
  English  ▼

X  

MAX31342 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX31342
Description  Low-Current, Real-Time Clock with I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31342 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX31342 Datasheet HTML 1Page - Maxim Integrated Products MAX31342 Datasheet HTML 2Page - Maxim Integrated Products MAX31342 Datasheet HTML 3Page - Maxim Integrated Products MAX31342 Datasheet HTML 4Page - Maxim Integrated Products MAX31342 Datasheet HTML 5Page - Maxim Integrated Products MAX31342 Datasheet HTML 6Page - Maxim Integrated Products MAX31342 Datasheet HTML 7Page - Maxim Integrated Products MAX31342 Datasheet HTML 8Page - Maxim Integrated Products MAX31342 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Electrical Characteristics (continued)
(VCC = +1.6V to +3.6V, typical values at VCC = +3.0V, unless otherwise noted. Limits are 100% tested at TA = +25°C, unless
otherwise noted. Limits over the operating temperature range, and relevant supply voltage range, are guaranteed by design and
characterization (Note 1).)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Data Setup Time
tSU:DAT
VCC = 3V. (Note 8)
100
ns
Setup Time for a
Repeated, START
Condition
tSU:STA
0.6
µs
Minimum Rise Time of
Both SDA and SCL
Signals
tR
(Note 9)
20 +
0.1CB
ns
Maximum Rise Time of
Both SDA and SCL
Signals
tR
300
ns
Minimum Fall Time for
Both SDA and SCL
Signals
tF
(Note 9)
20 +
0.1CB
ns
Maximum Fall Time for
Both SDA and SCL
Signals
tF
300
ns
Setup Time for STOP
Condition
tSU:STO
0.6
µs
Maximum Capacitive
Load for Each Bus Line
CB
(Note 9)
400
pF
I/O Capacitance
CI/O
10
pF
SCL Spike Suppression
tSP
30
ns
Oscillator Stop Flag
(OSF) Delay
tOSF
(Note 11)
35
100
ms
Timeout Interval
tTIMEOUT
(Note 12)
25
35
ms
Note 1:
Limits at -40°C and 85°C are guaranteed by design; not production tested.
Note 2:
Voltage referenced to ground.
Note 3:
Specified with I2C bus inactive. Oscillator operational.
Note 4:
The minimum SCL clock frequency is limited by the bus timeout feature, which resets the serial bus interface if SCL is held
low for tTIMEOUT.
Note 5:
After this period, the first clock pulse is generated.
Note 6:
A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIHMIN of the SCL signal)
to bridge the undefined region of the falling edge of SCL.
Note 7:
The maximum tHD:DAT need only be met if the device does not stretch the low period (tLOW) of the SCL signal.
Note 8:
A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT ≥ to 250ns must then be met. This
is automatically the case if the device does not stretch the low period of the SCL signal. If such a device does stretch the low
period of the SCL signal, it must output the next data bit to the SDA line tRMAX + tSU:DAT = 1000 + 250 = 1250ns before the
SCL line is released.
Note 9:
CB is the total capacitance of one bus line, including all connected devices, in pF.
Note 10: Guaranteed by design; not 100% production tested.
Note 11: The parameter tOSF is the period of time the oscillator must be stopped for the OSF flag to be set over the voltage range of
2.4V ≤ VCC ≤ VCCMAX.
Note 12: The MAX31342 can detect the SCL clock low signal longer than the tTIMEOUT. When this occurs, the device I2C interface is
in reset state. Once the device detects a START condition where SCL is held low shorter than tTIMEOUT, it exits out of reset
and SDA output is released. The oscillator must be running for this function to work.
MAX31342
Low-Current, Real-Time Clock with I2C Interface
www.maximintegrated.com
Maxim Integrated | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com