Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 199 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 199 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 195Page - Texas Instruments AM5728 Datasheet HTML 196Page - Texas Instruments AM5728 Datasheet HTML 197Page - Texas Instruments AM5728 Datasheet HTML 198Page - Texas Instruments AM5728 Datasheet HTML 199Page - Texas Instruments AM5728 Datasheet HTML 200Page - Texas Instruments AM5728 Datasheet HTML 201Page - Texas Instruments AM5728 Datasheet HTML 202Page - Texas Instruments AM5728 Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 415 page
background image
CL=
C C
f1
2
f
(C +C )
2
f1
f
vssa_osc0
Device
xo_osc0
xi_osc0
C
f1
Crystal
Rd
C
f2
(Optional)
Rd
(Optional)
199
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Clock Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
•
The source of the internal system clock (FUNC_32K_CLK) could be either:
–
A CMOS clock that enters on the rtc_osc_xi_clkin32 ball and supports external LVCMOS clock
generators
–
A crystal oscillator clock managed by rtc_osc_xi_clkin32 and rtc_osc_xo.
6.1.2
System Oscillator OSC0 Input Clock
SYS_CLK1 is received directly from oscillator OSC0. For more information about SYS_CLK1 see Device
TRM, Chapter: Power, Reset, and Clock Management.
6.1.2.1
OSC0 External Crystal
An external crystal is connected to the device pins. Figure 6-2 describes the crystal implementation.
Figure 6-2. Crystal Implementation
NOTE
The load capacitors, Cf1 and Cf2 in Figure 6-2, should be chosen such that the below
equation is satisfied. CL in the equation is the load specified by the crystal manufacturer. All
discrete components used to implement the oscillator circuit should be placed as close as
possible to the associated oscillator xi_osc0, xo_osc0, and vssa_osc0 pins.
Figure 6-3. Load Capacitance Equation
The crystal must be in the fundamental mode of operation and parallel resonant. Table 6-1 summarizes
the required electrical constraints.
Table 6-1. OSC0 Crystal Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Parallel resonance crystal frequency
19.2, 20, 27
MHz
Cf1
Cf1 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
Cf2
Cf2 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
ESR(Cf1,Cf2) Crystal ESR
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com