Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 196 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 196 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 192Page - Texas Instruments AM5728 Datasheet HTML 193Page - Texas Instruments AM5728 Datasheet HTML 194Page - Texas Instruments AM5728 Datasheet HTML 195Page - Texas Instruments AM5728 Datasheet HTML 196Page - Texas Instruments AM5728 Datasheet HTML 197Page - Texas Instruments AM5728 Datasheet HTML 198Page - Texas Instruments AM5728 Datasheet HTML 199Page - Texas Instruments AM5728 Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 415 page
background image
vddshv1, vddshv2, vddshv3,
vddshv4, vddshv6, vddshv7,
vddshv9, vddshv10, vddshv11,
vddshv8
(Note 2)
vdds18v
Vdelta
(Note1)
SPRS85v_ELCH_06
196
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
(7) If any of the vddshv[1-7,9-11] rails (not including vddshv8) are used as 1.8V only, then these rails can be combined with vdds18v.
vddshv[1-7,9-11] is allowed to ramp down at either of the two points shown in the timing diagram in either 1.8V mode or in 3.3V mode. If
vddshv[1-7,9-11] ramps down at the later time in the diagram then the board design must ensure that the vddshv[1-7,9-11] rail is never
higher than 2.0 V above the vdds18v rail.
(8) vddshv8 is separated out to show support for dual voltage. If a dedicated LDO/supply source is used for vddshv8, then vddshv8 ramp
down should occur at one of the two earliest points in the timing diagram. If vddshv8 is powered by the same supply source as the other
vddshv[1-7,9-11] rails, then it is allowed to ramp down at either of the last two points in the timing diagram.
(9) The 1.8V vdda_* supplies can either ramp down at the earlier time period shown or can be delayed to ramp down after the core supplies
coincident with the vdds18v supply as long as porz is asserted (low) during the power down sequence.
(10) The power down sequence shown is the most general case and is always valid. An accelerated power down sequence is also available
but is only valid when porz is asserted (low). This accelerated power down sequence has been implemented in the companion PMIC
that is recommended for use with this SOC. The accelerated sequence has porz go low first, then all 3.3V supplies simultaneously
second, core supplies, DDR supplies and DDR references simultaneously third and all 1.8V supplies simultaneously last.
(11) Ramped Down is defined as reaching a voltage level of no more than 0.6V.
(12) ddr1_vref0 / ddr2_vref0 may fall coincident with vdds_ddr1 / vdds_ddr2, respectively or at a prior time but after porz is asserted low.
Figure 5-4 describes vddshv[1-7,9-11] Supplies Falling Before vdds18v Supplies Delta.
Figure 5-4. vddshv* Supplies Falling After vdds18v Supplies Delta
(1) Vdelta MAX = 2V
(2) If vddshv8 is powered by the same supply source as the other vddshv[1-7,9-11] rails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com