Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 247 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 247 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 243Page - Texas Instruments AM5728 Datasheet HTML 244Page - Texas Instruments AM5728 Datasheet HTML 245Page - Texas Instruments AM5728 Datasheet HTML 246Page - Texas Instruments AM5728 Datasheet HTML 247Page - Texas Instruments AM5728 Datasheet HTML 248Page - Texas Instruments AM5728 Datasheet HTML 249Page - Texas Instruments AM5728 Datasheet HTML 250Page - Texas Instruments AM5728 Datasheet HTML 251Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 415 page
background image
247
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-25. GPMC/NOR Flash Interface Timing Requirements - Synchronous Mode - Default (continued)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
F21
tsu(waitV-clkH)
Setup time, gpmc_wait[1:0] valid before gpmc_clk high
2.23
ns
F22
th(clkH-waitV)
Hold Time, gpmc_wait[1:0] valid after gpmc_clk high
1.52
ns
NOTE
Wait monitoring support is limited to a WaitMonitoringTime value > 0. For a full description of
wait monitoring feature, see General-Purpose Memory Controller section in the Device TRM.
Table 7-26. GPMC/NOR Flash Interface Switching Characteristics - Synchronous Mode - Default
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
F0
tc(clk)
Cycle time, output clock gpmc_clk period
11.3
ns
F2
td(clkH-nCSV)
Delay time, gpmc_clk rising edge to gpmc_cs[7:0] transition
F-1.48(6)
F+3.84(6)
ns
F3
td(clkH-nCSIV)
Delay time, gpmc_clk rising edge to gpmc_cs[7:0] invalid
E-1.48(5)
E +3.84(5)
ns
F4
td(ADDV-clk)
Delay time, gpmc_a[27:0] address bus valid to gpmc_clk first edge
B-1.69(2)
B+3.76(2)
ns
F5
td(clkH-ADDIV)
Delay time, gpmc_clk rising edge to gpmc_a[27:0] gpmc address bus invalid
-1.69
ns
F6
td(nBEV-clk)
Delay time, gpmc_ben[1:0] valid to gpmc_clk rising edge
B-3.8(2)
B+2.37(2)
ns
F7
td(clkH-nBEIV)
Delay time, gpmc_clk rising edge to gpmc_ben[1:0] invalid
D-0.4(4)
D+1.1(4)
ns
F8
td(clkH-nADV)
Delay time, gpmc_clk rising edge to gpmc_advn_ale transition
G-1.48
(7)
G+3.84 (7)
ns
F9
td(clkH-nADVIV)
Delay time, gpmc_clk rising edge to gpmc_advn_ale invalid
D-1.48
(4)
G+3.84 (7)
ns
F10
td(clkH-nOE)
Delay time, gpmc_clk rising edge to gpmc_oen_ren transition
H-1.41
(8)
H+2.45 (8)
ns
F11
td(clkH-nOEIV)
Delay time, gpmc_clk rising edge to gpmc_oen_ren invalid
E-1.41
(5)
E+2.1 (5)
ns
F14
td(clkH-nWE)
Delay time, gpmc_clk rising edge to gpmc_wen transition
I-1.18 (9)
I+3.68 (9)
ns
F15
td(clkH-Data)
Delay time, gpmc_clk rising edge to gpmc_ad[15:0] data bus transition
J-1.89
(10)
J+4.89
(10)
ns
F17
td(clkH-nBE)
Delay time, gpmc_clk rising edge to gpmc_ben[1:0] transition
J-1.3
(10)
J+3.8 (10)
ns
F18
tw(nCSV)
Pulse duration, gpmc_cs[7:0] low
A (1)
ns
F19
tw(nBEV)
Pulse duration, gpmc_ben[1:0] low
C (3)
ns
F20
tw(nADVV)
Pulse duration, gpmc_advn_ale low
K (11)
ns
F23
td(CLK-GPIO)
Delay time, gpmc_clk transition to gpio6_16.clkout1 transition
1.2
6.1
ns
Table 7-27. GPMC/NOR Flash Interface Timing Requirements - Synchronous Mode - Alternate
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
F12
tsu(dV-clkH)
Setup time, read gpmc_ad[15:0] valid before gpmc_clk high
3.56
ns
F13
th(clkH-dV)
Hold time, read gpmc_ad[15:0] valid after gpmc_clk high
1.9
ns
F21
tsu(waitV-clkH)
Setup time, gpmc_wait[1:0] valid before gpmc_clk high
3.1
ns
F22
th(clkH-waitV)
Hold Time, gpmc_wait[1:0] valid after gpmc_clk high
1.9
ns
Table 7-28. GPMC/NOR Flash Interface Switching Characteristics - Synchronous Mode - Alternate
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
F0
tc(clk)
Cycle time, output clock gpmc_clk period (12)
15.04
ns
F2
td(clkH-nCSV)
Delay time, gpmc_clk rising edge to gpmc_cs[7:0] transition
F-0.84 (6)
F+6.73
(6)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com