Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 246 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 246 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 242Page - Texas Instruments AM5728 Datasheet HTML 243Page - Texas Instruments AM5728 Datasheet HTML 244Page - Texas Instruments AM5728 Datasheet HTML 245Page - Texas Instruments AM5728 Datasheet HTML 246Page - Texas Instruments AM5728 Datasheet HTML 247Page - Texas Instruments AM5728 Datasheet HTML 248Page - Texas Instruments AM5728 Datasheet HTML 249Page - Texas Instruments AM5728 Datasheet HTML 250Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 415 page
background image
246
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
7.8
Display Subsystem – High-Definition Multimedia Interface (HDMI)
The High-Definition Multimedia Interface is provided for transmitting digital television audiovisual signals
from DVD players, set-top boxes and other audiovisual sources to television sets, projectors and other
video displays. The HDMI interface is aligned with the HDMI TMDS single stream standard v1.4a (720p
@60Hz to 1080p @24Hz) and the HDMI v1.3 (1080p @60Hz): 3 data channels, plus 1 clock channel is
supported (differential).
NOTE
For more information, see the High-Definition Multimedia Interface section of the device
TRM.
7.9
External Memory Interface (EMIF)
The device has a dedicated interface to DDR3 SDRAM. It supports JEDEC standard compliant DDR3
SDRAM devices with the following features:
•
16-bit or 32-bit data path to external SDRAM memory
•
Memory device capacity: 128Mb, 256Mb, 512Mb, 1Gb, 2Gb, 4Gb and 8Gb devices (Single die only)
•
One interface with associated DDR3 PHYs
NOTE
For more information, see the EMIF Controller section of the Device TRM.
7.10 General-Purpose Memory Controller (GPMC)
The GPMC is the unified memory controller that interfaces external memory devices such as:
•
Asynchronous SRAM-like memories and ASIC devices
•
Asynchronous page mode and synchronous burst NOR flash
•
NAND flash
NOTE
For more information, see the General-Purpose Memory Controller section of the Device
TRM.
7.10.1 GPMC/NOR Flash Interface Synchronous Timing
CAUTION
The IO Timings provided in this section are only valid for some GPMC usage
modes when the corresponding Virtual IO Timings or Manual IO Timings are
configured as described in the tables found in this section.
Table 7-25 and Table 7-26 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 7-7, Figure 7-8, Figure 7-9, Figure 7-10, Figure 7-11, and
Figure 7-12).
Table 7-25. GPMC/NOR Flash Interface Timing Requirements - Synchronous Mode - Default
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
F12
tsu(dV-clkH)
Setup time, read gpmc_ad[15:0] valid before gpmc_clk high
2.69
ns
F13
th(clkH-dV)
Hold time, read gpmc_ad[15:0] valid after gpmc_clk high
1.53
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com