Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 263 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 263 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 259Page - Texas Instruments AM5728 Datasheet HTML 260Page - Texas Instruments AM5728 Datasheet HTML 261Page - Texas Instruments AM5728 Datasheet HTML 262Page - Texas Instruments AM5728 Datasheet HTML 263Page - Texas Instruments AM5728 Datasheet HTML 264Page - Texas Instruments AM5728 Datasheet HTML 265Page - Texas Instruments AM5728 Datasheet HTML 266Page - Texas Instruments AM5728 Datasheet HTML 267Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 415 page
background image
gpmc_fclk
gpmc_clk
gpmc_csi
gpmc_ben0
gpmc_
1
ben
gpmc_
_ale
advn
gpmc_wen
gpmc_ad[15:0]
gpmc_waitj
DIR
Address (MSB)
Valid Address (LSB)
Data OUT
OUT
FA0
FA1
FA9
FA10
FA3
FA25
FA29
FA12
FA27
FA28
FA0
FA10
GPMC_12
gpmc_a27
gpmc_a[10:1]
263
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 7-18. GPMC / Multiplexed NOR Flash - Asynchronous Write - Single Word Timing(1)
(1) In gpmc_csi, i = 0 to 7. In gpmc_waitj, j = 0 to 1.
(2) The "DIR" (direction control) output signal is NOT pinned out on any of the device pads. It is an internal signal only representing a signal
direction on the GPMC data bus.
7.10.3 GPMC/NAND Flash Interface Asynchronous Timing
CAUTION
The IO Timings provided in this section are only valid for some GPMC usage
modes when the corresponding Virtual IO Timings or Manual IO Timings are
configured as described in the tables found in this section.
Table 7-31 and Table 7-32 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 7-19, Figure 7-20, Figure 7-21, and Figure 7-22).
Table 7-31. GPMC/NAND Flash Interface Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
GNF12
tacc(DAT)
Data maximum access time (GPMC_FCLK Cycles)
J (1)
cycles
-
tsu(DV-OEH)
Setup time, read gpmc_ad[15:0] valid before
gpmc_oen_ren high
1.9
ns
-
th(OEH-DV)
Hold time, read gpmc_ad[15:0] valid after
gpmc_oen_ren high
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com