Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 264 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 264 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 260Page - Texas Instruments AM5728 Datasheet HTML 261Page - Texas Instruments AM5728 Datasheet HTML 262Page - Texas Instruments AM5728 Datasheet HTML 263Page - Texas Instruments AM5728 Datasheet HTML 264Page - Texas Instruments AM5728 Datasheet HTML 265Page - Texas Instruments AM5728 Datasheet HTML 266Page - Texas Instruments AM5728 Datasheet HTML 267Page - Texas Instruments AM5728 Datasheet HTML 268Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 415 page
background image
264
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
(1) J = AccessTime * (TimeParaGranularity + 1)
Table 7-32. GPMC/NAND Flash Interface Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
-
tr(DO)
Rising time, gpmc_ad[15:0] output data
0.447
4.067
ns
-
tf(DO)
Fallling time, gpmc_ad[15:0] output data
0.43
4.463
ns
GNF0
tw(nWEV)
Pulse duration, gpmc_wen valid time
A (1)
ns
GNF1
td(nCSV-nWEV)
Delay time, gpmc_cs[7:0] valid to gpmc_wen valid
B - 2 (2)
B + 4 (2)
ns
GNF2
td(CLEH-nWEV)
Delay time, gpmc_ben[1:0] high to gpmc_wen valid
C - 2 (3)
C + 4 (3)
ns
GNF3
td(nWEV-DV)
Delay time, gpmc_ad[15:0] valid to gpmc_wen valid
D - 2 (4)
D + 4 (4)
ns
GNF4
td(nWEIV-DIV)
Delay time, gpmc_wen invalid to gpmc_ad[15:0] invalid
E - 2 (5)
E + 4 (5)
ns
GNF5
td(nWEIV-CLEIV)
Delay time, gpmc_wen invalid to gpmc_ben[1:0] invalid
F - 2 (6)
F + 4 (6)
ns
GNF6
td(nWEIV-nCSIV)
Delay time, gpmc_wen invalid to gpmc_cs[7:0] invalid
G - 2 (7)
G + 4 (7)
ns
GNF7
td(ALEH-nWEV)
Delay time, gpmc_advn_ale high to gpmc_wen valid
C - 2 (3)
C + 4 (3)
ns
GNF8
td(nWEIV-ALEIV)
Delay time, gpmc_wen invalid to gpmc_advn_ale invalid
F - 2 (6)
F + 4 (6)
ns
GNF9
tc(nWE)
Cycle time, write cycle time
H (8)
ns
GNF10
td(nCSV-nOEV)
Delay time, gpmc_cs[7:0] valid to gpmc_oen_ren valid
I - 2 (9)
I + 4 (9)
ns
GNF13
tw(nOEV)
Pulse duration, gpmc_oen_ren valid time
K (10)
ns
GNF14
tc(nOE)
Cycle time, read cycle time
L (11)
ns
GNF15
td(nOEIV-nCSIV)
Delay time, gpmc_oen_ren invalid to gpmc_cs[7:0] invalid
M - 2 (12)
M + 4 (12)
ns
(1) A = (WEOffTime – WEOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
(2) B = ((WEOnTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay – CSExtraDelay)) * GPMC_FCLK
(3) C = ((WEOnTime – ADVOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay – ADVExtraDelay)) * GPMC_FCLK
(4) D = (WEOnTime * (TimeParaGranularity + 1) + 0.5 * WEExtraDelay ) * GPMC_FCLK
(5) E = (WrCycleTime – WEOffTime * (TimeParaGranularity + 1) – 0.5 * WEExtraDelay ) * GPMC_FCLK
(6) F = (ADVWrOffTime – WEOffTime * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay – WEExtraDelay) * GPMC_FCLK
(7) G = (CSWrOffTime – WEOffTime * (TimeParaGranularity + 1) + 0.5 * (CSExtraDelay – WEExtraDelay) * GPMC_FCLK
(8) H = WrCycleTime * (1 + TimeParaGranularity) * GPMC_FCLK
(9) I = ((OEOffTime + (n – 1) * PageBurstAccessTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay – CSExtraDelay)) *
GPMC_FCLK
(10) K = (OEOffTime – OEOnTime) * (1 + TimeParaGranularity) * GPMC_FCLK
(11) L = RdCycleTime * (1 + TimeParaGranularity) * GPMC_FCLK
(12) M = (CSRdOffTime – OEOffTime * (TimeParaGranularity + 1) + 0.5 * (CSExtraDelay – OEExtraDelay) * GPMC_FCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com