Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 294 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 294 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 290Page - Texas Instruments AM5728 Datasheet HTML 291Page - Texas Instruments AM5728 Datasheet HTML 292Page - Texas Instruments AM5728 Datasheet HTML 293Page - Texas Instruments AM5728 Datasheet HTML 294Page - Texas Instruments AM5728 Datasheet HTML 295Page - Texas Instruments AM5728 Datasheet HTML 296Page - Texas Instruments AM5728 Datasheet HTML 297Page - Texas Instruments AM5728 Datasheet HTML 298Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 415 page
background image
294
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
(1) Used up to 50MHz. Should also be used in a CI-FI- mixed case where AXR operate as both inputs and outputs (that is, AXR are
bidirectional).
(2) Used in 80MHz input only mode when AXR, CLKX and FSX are all inputs.
Table 7-57. Virtual Mode Case Details for McASP3
No.
CASE
CASE Description
Virtual Mode Settings
Notes
Signals
Virtual Mode Value
IP Mode : ASYNC
1
COIFOI
CLKX / FSX: Output
CLKR / FSR: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-43
AXR(Inputs)/CLKR/FSR
MCASP3_VIRTUAL2_SYNC_RX
2
COIFIO
CLKX / FSR: Output
CLKR / FSX: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-44
AXR(Inputs)/CLKR/FSR
MCASP3_VIRTUAL2_SYNC_RX
3
CIOFIO
CLKR / FSR: Output
CLKX / FSX: Input
AXR(Outputs)/CLKX/FSX
MCASP3_VIRTUAL2_SYNC_RX
See Figure 7-45
AXR(Inputs)/CLKR/FSR
MCASP3_VIRTUAL2_SYNC_RX
4
CIOFOI
CLKR / FSX: Output
CLKX / FSR: Input
AXR(Outputs)/CLKX/FSX
MCASP3_VIRTUAL2_SYNC_RX
See Figure 7-46
AXR(Inputs)/CLKR/FSR
MCASP3_VIRTUAL2_SYNC_RX
IP Mode : SYNC (CLKR / FSR internally generated from CLKX / FSX)
5
CO-FO-
CLKX / FSX: Output
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-47
AXR(Inputs)/CLKX/FSX
Default (No Virtual Mode)
6
CI-FO-
FSX: Output CLKX: Input
AXR(Outputs)/CLKX/FSX
MCASP3_VIRTUAL2_SYNC_RX
See Figure 7-48
AXR(Inputs)/CLKX/FSX
MCASP3_VIRTUAL2_SYNC_RX
7
CI-FI-
CLKX / FSX: Input
AXR(Outputs)/CLKX/FSX
MCASP3_VIRTUAL2_SYNC_RX
See Figure 7-49
AXR(Inputs)/CLKX/FSX
MCASP3_VIRTUAL2_SYNC_RX
8
CO-FI-
CLKX: Output FSX: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-50
AXR(Inputs)/CLKX/FSX
Default (No Virtual Mode)
Table 7-58. Virtual Mode Case Details for McASP4
No.
CASE
CASE Description
Virtual Mode Settings
Notes
Signals
Virtual Mode Value
IP Mode : ASYNC
1
COIFOI
CLKX / FSX: Output
CLKR / FSR: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-43
AXR(Inputs)/CLKR/FSR
MCASP4_VIRTUAL1_SYNC_RX
2
COIFIO
CLKX / FSR: Output
CLKR / FSX: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-44
AXR(Inputs)/CLKR/FSR
MCASP4_VIRTUAL1_SYNC_RX
3
CIOFIO
CLKR / FSR: Output
CLKX / FSX: Input
AXR(Outputs)/CLKX/FSX
MCASP4_VIRTUAL1_SYNC_RX
See Figure 7-45
AXR(Inputs)/CLKR/FSR
MCASP4_VIRTUAL1_SYNC_RX
4
CIOFOI
CLKR / FSX: Output
CLKX / FSR: Input
AXR(Outputs)/CLKX/FSX
MCASP4_VIRTUAL1_SYNC_RX
See Figure 7-46
AXR(Inputs)/CLKR/FSR
MCASP4_VIRTUAL1_SYNC_RX
IP Mode : SYNC (CLKR / FSR internally generated from CLKX / FSX)
5
CO-FO-
CLKX / FSX: Output
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-47
AXR(Inputs)/CLKX/FSX
Default (No Virtual Mode)
6
CI-FO-
FSX: Output CLKX: Input
AXR(Outputs)/CLKX/FSX
MCASP4_VIRTUAL1_SYNC_RX
See Figure 7-48
AXR(Inputs)/CLKX/FSX
MCASP4_VIRTUAL1_SYNC_RX
7
CI-FI-
CLKX / FSX: Input
AXR(Outputs)/CLKX/FSX
MCASP4_VIRTUAL1_SYNC_RX
See Figure 7-49
AXR(Inputs)/CLKX/FSX
MCASP4_VIRTUAL1_SYNC_RX
8
CO-FI-
CLKX: Output FSX: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-50
AXR(Inputs)/CLKX/FSX
Default (No Virtual Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com