Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 296 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 296 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 292Page - Texas Instruments AM5728 Datasheet HTML 293Page - Texas Instruments AM5728 Datasheet HTML 294Page - Texas Instruments AM5728 Datasheet HTML 295Page - Texas Instruments AM5728 Datasheet HTML 296Page - Texas Instruments AM5728 Datasheet HTML 297Page - Texas Instruments AM5728 Datasheet HTML 298Page - Texas Instruments AM5728 Datasheet HTML 299Page - Texas Instruments AM5728 Datasheet HTML 300Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 415 page
background image
296
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-61. Virtual Mode Case Details for McASP7
No.
CASE
CASE Description
Virtual Mode Settings
Notes
Signals
Virtual Mode Value
IP Mode : ASYNC
1
COIFOI
CLKX / FSX: Output
CLKR / FSR: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-43
AXR(Inputs)/CLKR/FSR
MCASP7_VIRTUAL2_SYNC_RX
2
COIFIO
CLKX / FSR: Output
CLKR / FSX: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-44
AXR(Inputs)/CLKR/FSR
MCASP7_VIRTUAL2_SYNC_RX
3
CIOFIO
CLKR / FSR: Output
CLKX / FSX: Input
AXR(Outputs)/CLKX/FSX
MCASP7_VIRTUAL2_SYNC_RX
See Figure 7-45
AXR(Inputs)/CLKR/FSR
MCASP7_VIRTUAL2_SYNC_RX
4
CIOFOI
CLKR / FSX: Output
CLKX / FSR: Input
AXR(Outputs)/CLKX/FSX
MCASP7_VIRTUAL2_SYNC_RX
See Figure 7-46
AXR(Inputs)/CLKR/FSR
MCASP7_VIRTUAL2_SYNC_RX
IP Mode : SYNC (CLKR / FSR internally generated from CLKX / FSX)
5
CO-FO-
CLKX / FSX: Output
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-47
AXR(Inputs)/CLKX/FSX
Default (No Virtual Mode)
6
CI-FO-
FSX: Output CLKX: Input
AXR(Outputs)/CLKX/FSX
MCASP7_VIRTUAL2_SYNC_RX
See Figure 7-48
AXR(Inputs)/CLKX/FSX
MCASP7_VIRTUAL2_SYNC_RX
7
CI-FI-
CLKX / FSX: Input
AXR(Outputs)/CLKX/FSX
MCASP7_VIRTUAL2_SYNC_RX
See Figure 7-49
AXR(Inputs)/CLKX/FSX
MCASP7_VIRTUAL2_SYNC_RX
8
CO-FI-
CLKX: Output FSX: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-50
AXR(Inputs)/CLKX/FSX
Default (No Virtual Mode)
Table 7-62. Virtual Mode Case Details for McASP8
No.
CASE
CASE Description
Virtual Mode Settings
Notes
Signals
Virtual Mode Value
IP Mode : ASYNC
1
COIFOI
CLKX / FSX: Output
CLKR / FSR: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-43
AXR(Inputs)/CLKR/FSR
MCASP8_VIRTUAL1_SYNC_RX
2
COIFIO
CLKX / FSR: Output
CLKR / FSX: Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-44
AXR(Inputs)/CLKR/FSR
MCASP8_VIRTUAL1_SYNC_RX
3
CIOFIO
CLKR / FSR: Output
CLKX / FSX: Input
AXR(Outputs)/CLKX/FSX
MCASP8_VIRTUAL1_SYNC_RX
See Figure 7-45
AXR(Inputs)/CLKR/FSR
MCASP8_VIRTUAL1_SYNC_RX
4
CIOFOI
CLKR / FSX: Output
CLKX / FSR: Input
AXR(Outputs)/CLKX/FSX
MCASP8_VIRTUAL1_SYNC_RX
See Figure 7-46
AXR(Inputs)/CLKR/FSR
MCASP8_VIRTUAL1_SYNC_RX
IP Mode : SYNC (CLKR / FSR internally generated from CLKX / FSX)
5
CO-FO-
CLKX / FSX: Output
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-47
AXR(Inputs)/CLKX/FSX
Default (No Virtual Mode)
6
CI-FO-
FSX: Output CLKX:
Input
AXR(Outputs)/CLKX/FSX
MCASP8_VIRTUAL1_SYNC_RX
See Figure 7-48
AXR(Inputs)/CLKX/FSX
MCASP8_VIRTUAL1_SYNC_RX
7
CI-FI-
CLKX / FSX: Input
AXR(Outputs)/CLKX/FSX
MCASP8_VIRTUAL1_SYNC_RX
See Figure 7-49
AXR(Inputs)/CLKX/FSX
MCASP8_VIRTUAL1_SYNC_RX
8
CO-FI-
CLKX: Output FSX:
Input
AXR(Outputs)/CLKX/FSX
Default (No Virtual Mode)
See Figure 7-50
AXR(Inputs)/CLKX/FSX
Default (No Virtual Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com