Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 355 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 355 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 351Page - Texas Instruments AM5728 Datasheet HTML 352Page - Texas Instruments AM5728 Datasheet HTML 353Page - Texas Instruments AM5728 Datasheet HTML 354Page - Texas Instruments AM5728 Datasheet HTML 355Page - Texas Instruments AM5728 Datasheet HTML 356Page - Texas Instruments AM5728 Datasheet HTML 357Page - Texas Instruments AM5728 Datasheet HTML 358Page - Texas Instruments AM5728 Datasheet HTML 359Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 415 page
background image
355
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-154. PRU-ICSS1 IOSETs (continued)
SIGNALS
IOSET1
IOSET2
BALL
MUX
BALL
MUX
pr1_pru0_gpi1
AH3
12
pr1_pru0_gpi0
AH6
12
pr1_pru0_gpo9
AF2
13
pr1_pru0_gpo8
AG5
13
pr1_pru0_gpo7
AG3
13
pr1_pru0_gpo6
AG2
13
pr1_pru0_gpo5
AG4
13
pr1_pru0_gpo4
AH4
13
pr1_pru0_gpo3
AG6
13
pr1_pru0_gpo2
AH5
13
pr1_pru0_gpo1
AH3
13
pr1_pru0_gpo0
AH6
13
pr1_mii1_crs
A4
11
pr1_mii1_rxlink
B4
11
pr1_mii1_col
B5
11
pr1_mii0_col
V1
11
pr1_mii0_rxlink
U4
11
pr1_mii0_crs
V7
11
pr1_edio_data_out7
AD3
11
D1
13
pr1_edio_data_out6
AD2
11
F3
13
pr1_edio_data_out5
AE6
11
F2
13
pr1_edio_data_out4
AE2
11
G6
13
pr1_edio_data_out3
AE1
11
G1
13
pr1_edio_data_out2
AE5
11
H7
13
pr1_edio_data_out1
AE3
11
G2
13
pr1_edio_data_out0
AF1
11
E1
13
pr1_edio_data_in7
AD3
10
D1
12
pr1_edio_data_in6
AD2
10
F3
12
pr1_edio_data_in5
AE6
10
F2
12
pr1_edio_data_in4
AE2
10
G6
12
pr1_edio_data_in3
AE1
10
G1
12
pr1_edio_data_in2
AE5
10
H7
12
pr1_edio_data_in1
AE3
10
G2
12
pr1_edio_data_in0
AF1
10
E1
12
pr1_edio_sof
AF4
10
F4
11
pr1_edc_latch0_in
AG3
10
E2
11
pr1_edc_latch1_in
AG5
10
pr1_edc_sync1_out
AF6
10
pr1_edc_sync0_out
AF2
10
D2
11
pr1_edio_latch_in
AF3
10
pr1_uart0_cts_n
G1
11
F11
10
pr1_uart0_rts_n
G6
11
G10
10
pr1_uart0_txd
F3
11
G11
10
pr1_uart0_rxd
F2
11
F10
10
pr1_ecap0_ecap_capin_apwm_o
D1
11
E9
10
PRU-ICSS1 MII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com