Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 352 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 352 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 348Page - Texas Instruments AM5728 Datasheet HTML 349Page - Texas Instruments AM5728 Datasheet HTML 350Page - Texas Instruments AM5728 Datasheet HTML 351Page - Texas Instruments AM5728 Datasheet HTML 352Page - Texas Instruments AM5728 Datasheet HTML 353Page - Texas Instruments AM5728 Datasheet HTML 354Page - Texas Instruments AM5728 Datasheet HTML 355Page - Texas Instruments AM5728 Datasheet HTML 356Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 415 page
background image
1
MII_TXCLK (input)
MII_TXD[3:0],
MII_TXEN (outputs)
SPRS91x_TIMING_PRU_MII_RT_07
MII_MRCLK (Input)
1
2
MII_RXD[3:0],
MII_RXDV,
MII_RXER (Inputs)
SPRS91x_TIMING_PRU_MII_RT_06
352
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 7-106. PRU-ICSS MII_RXD[3:0], MII_RXDV, and MII_RXER Timing
Table 7-151. PRU-ICSS MII_RT Switching Characteristics - MII_TXD[3:0] and MII_TXEN
NO.
PARAMETER
DESCRIPTION
SPEED
MIN
MAX
UNIT
1
td(TX_CLK-TXD)
Delay time, TX_CLK high to TXD[3:0] valid
10 Mbps
5
33
ns
td(TX_CLK-TX_EN)
Delay time, TX_CLK to TX_EN valid
td(TX_CLK-TXD)
Delay time, TX_CLK high to TXD[3:0] valid
100 Mbps
5
25
ns
td(TX_CLK-TX_EN)
Delay time, TX_CLK to TX_EN valid
Figure 7-107. PRU-ICSS MII_TXD[3:0], MII_TXEN Timing
7.25.4 PRU-ICSS Universal Asynchronous Receiver Transmitter (PRU-ICSS UART)
Table 7-152. Timing Requirements for PRU-ICSS UART Receive
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
3
tw(RX)
Pulse duration, receive start, stop, data bit
0.96U (1)
1.05U
ns
(1) U = UART baud time = 1/programmed baud rate.
Table 7-153. Switching Characteristics Over Recommended Operating Conditions for PRU-ICSS UART
Transmit
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
ƒbaud(baud)
Maximum programmable baud rate
0
12
MHz
2
tw(TX)
Pulse duration, transmit start, stop, data bit
U - 2 (1)
U + 2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com