Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 348 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 348 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 344Page - Texas Instruments AM5728 Datasheet HTML 345Page - Texas Instruments AM5728 Datasheet HTML 346Page - Texas Instruments AM5728 Datasheet HTML 347Page - Texas Instruments AM5728 Datasheet HTML 348Page - Texas Instruments AM5728 Datasheet HTML 349Page - Texas Instruments AM5728 Datasheet HTML 350Page - Texas Instruments AM5728 Datasheet HTML 351Page - Texas Instruments AM5728 Datasheet HTML 352Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 415 page
background image
EDC_SYNCx_OUT
3
1
2
EDIO_DATA_IN[7:0]
SPRS91x_TIMING_PRU_ECAT_02
EDIO_LATCH_IN
3
1
2
EDIO_DATA_IN[7:0]
SPRS91x_TIMING_PRU_ECAT_01
348
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-140. PRU-ICSS ECAT Timing Requirements – Input Validated With LATCH_IN
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tw(EDIO_LATCH_IN)
Pulse width, EDIO_LATCH_IN
100.00
ns
2
tsu(EDIO_DATA_IN-
EDIO_LATCH_IN)
Setup time, EDIO_DATA_IN valid before EDIO_LATCH_IN active
edge
20.00
ns
3
th(EDIO_LATCH_IN-
EDIO_DATA_IN)
Hold time, EDIO_DATA_IN valid after EDIO_LATCH_IN active edge
20.00
ns
Figure 7-97. PRU-ICSS ECAT Input Validated with LATCH_IN Timing
Table 7-141. PRU-ICSS ECAT Timing Requirements – Input Validated With SYNCx
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tw(EDC_SYNCx_OUT)
Pulse width, EDC_SYNCx_OUT
100.00
ns
2
tsu(EDIO_DATA_IN-
EDC_SYNCx_OUT)
Setup time, EDIO_DATA_IN valid before EDC_SYNCx_OUT active
edge
20.00
ns
3
th(EDC_SYNCx_OUT-
EDIO_DATA_IN)
Hold time, EDIO_DATA_IN valid after EDC_SYNCx_OUT active edge
20.00
ns
Figure 7-98. PRU-ICSS ECAT Input Validated With SYNCx Timing
Table 7-142. PRU-ICSS ECAT Timing Requirements – Input Validated With Start of Frame (SOF)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tw(EDIO_SOF)
Pulse duration, EDIO_SOF
4*P (1)
5*P (1)
ns
2
tsu(EDIO_DATA_IN-
EDIO_SOF)
Setup time, EDIO_DATA_IN valid before EDIO_SOF active edge
20.00
ns
3
th(EDIO_SOF-
EDIO_DATA_IN)
Hold time, EDIO_DATA_IN valid after EDIO_SOF active edge
20.00
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com