Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 345 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 345 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 341Page - Texas Instruments AM5728 Datasheet HTML 342Page - Texas Instruments AM5728 Datasheet HTML 343Page - Texas Instruments AM5728 Datasheet HTML 344Page - Texas Instruments AM5728 Datasheet HTML 345Page - Texas Instruments AM5728 Datasheet HTML 346Page - Texas Instruments AM5728 Datasheet HTML 347Page - Texas Instruments AM5728 Datasheet HTML 348Page - Texas Instruments AM5728 Datasheet HTML 349Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 415 page
background image
345
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
The device Programmable Real-Time Unit and Industrial Communication Subsystem (PRU-ICSS) consists
of dual 32-bit Load / Store RISC CPU cores - Programmable Real-Time Units (PRU0 and PRU1), shared,
data, and instruction memories, internal peripheral modules, and an interrupt controller (PRU-ICSS_INTC).
The programmable nature of the PRUs, along with their access to pins, events and all SoC resources,
provides flexibility in implementing fast real-time responses, specialized data handling operations,
customer peripheral interfaces, and in off-loading tasks from the other processor cores of the system-on-
chip (SoC).
The each PRU-ICSS includes the following main features:
•
21x Enhanced GPIs (EGPIs) and 21x Enhanced GPOs (EGPOs) with asynchronous capture and serial
support per each PRU CPU core
•
One Ethernet MII_RT module (PRU-ICSS_MII_RT) with two MII ports and configurable connections to
PRUs
•
1 MDIO Port (PRU-ICSS_MII_MDIO)
•
One Industrial Ethernet Peripheral (IEP) to manage/generate Industrial Ethernet functions
•
1 x 16550-compatible UART with a dedicated 192 MHz clock to support 12Mbps Profibus
•
1 Industrial Ethernet timer with 7/9 capture and 8 compare events
•
1 Enhanced Capture Module (ECAP)
•
1 Interrupt Controller (PRU-ICSS_INTC)
•
A flexible power management support
•
Integrated switched central resource with programmable priority
•
Parity control supported by all memories
CAUTION
The IO timings provided in this section are only valid if signals within a single
IOSET are used. The IOSETs are defined in the Table 7-154 and Table 7-155.
NOTE
For more information about PRU-ICSS subsystems interfaces, see the device TRM.
NOTE
To configure the desired virtual mode the user must set MODESELECT bit and
DELAYMODE bitfield for each corresponding pad control register.
The pad control registers are presented in Table 4-3 and described in Device TRM, Chapter
18 - Control Module.
7.25.1 Programmable Real-Time Unit (PRU-ICSS PRU)
7.25.1.1 PRU-ICSS PRU Direct Input/Output Mode Electrical Data and Timing
Table 7-135. PRU-ICSS PRU Timing Requirements - Direct Input Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tw(GPI)
Pulse width, GPI
2*P (1)
ns
2
tsk(GPI)
Skew between GPI[20:0] signals
4.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com