Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 346 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 346 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 342Page - Texas Instruments AM5728 Datasheet HTML 343Page - Texas Instruments AM5728 Datasheet HTML 344Page - Texas Instruments AM5728 Datasheet HTML 345Page - Texas Instruments AM5728 Datasheet HTML 346Page - Texas Instruments AM5728 Datasheet HTML 347Page - Texas Instruments AM5728 Datasheet HTML 348Page - Texas Instruments AM5728 Datasheet HTML 349Page - Texas Instruments AM5728 Datasheet HTML 350Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 415 page
background image
CLOCKIN
DATAIN
1
3
2
4
5
SPRS91x_TIMING_PRU_03
GPO[n:0]
2
1
SPRS91x_TIMING_PRU_02
GPI[m:0]
2
1
SPRS91x_TIMING_PRU_01
346
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
(1) PRUSS_GICLK clock period
Figure 7-91. PRU-ICSS PRU Direct Input Timing
(1) m in GPI[m:0] = 20
Table 7-136. PRU-ICSS PRU Switching Requirements – Direct Output Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tw(GPO)
Pulse width, GPO
2*P (1)
ns
2
tsk(GPO)
Skew between GPO[20:0] signals
4.5
ns
(1) PRUSS_GICLK clock period
Figure 7-92. PRU-ICSS PRU Direct Output Timing
(1) n in GPO[n:0] = 20
7.25.1.2 PRU-ICSS PRU Parallel Capture Mode Electrical Data and Timing
Table 7-137. PRU-ICSS PRU Timing Requirements - Parallel Capture Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tw(CLOCKIN)
Cyle time, CLOCKIN
20
ns
2
tw(CLOCKIN_L)
Pulse duration, CLOCKIN low
9
11
ns
3
tw(CLOCKIN_H)
Pulse duration, CLOCKIN high
9
11
ns
4
tsu(DATAIN-CLOCKIN)
Setup time, DATAIN valid before CLOCKIN
4.5
ns
5
th(CLOCKIN-DATAIN)
Hold time, DATAIN valid after CLOCKIN
0
ns
(1) PRUSS_GICLK clock period
Figure 7-93. PRU-ICSS PRU Parallel Capture Timing - Rising Edge Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com