Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 347 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 347 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 343Page - Texas Instruments AM5728 Datasheet HTML 344Page - Texas Instruments AM5728 Datasheet HTML 345Page - Texas Instruments AM5728 Datasheet HTML 346Page - Texas Instruments AM5728 Datasheet HTML 347Page - Texas Instruments AM5728 Datasheet HTML 348Page - Texas Instruments AM5728 Datasheet HTML 349Page - Texas Instruments AM5728 Datasheet HTML 350Page - Texas Instruments AM5728 Datasheet HTML 351Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 415 page
background image
CLOCKOUT
DATAOUT
1
2
3
SPRS91x_TIMING_PRU_06
DATAIN
1
2
SPRS91x_TIMING_PRU_05
CLOCKIN
DATAIN
1
2
3
4
5
SPRS91x_TIMING_PRU_04
347
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 7-94. PRU-ICSS PRU Parallel Capture Timing - Falling Edge Mode
7.25.1.3
PRU-ICSS PRU Shift Mode Electrical Data and Timing
Table 7-138. PRU-ICSS PRU Timing Requirements – Shift In Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tc(DATAIN)
Cycle time, DATAIN
10.00
ns
2
tw(DATAIN)
Pulse width, DATAIN
0.45*P (1) 0.55*P (1)
ns
(1) P = 10.00ns
Figure 7-95. PRU-ICSS PRU Shift In Timing
Table 7-139. PRU-ICSS PRU Switching Requirements - Shift Out Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tc(CLOCKOUT)
Cycle time, CLOCKOUT
10.00
ns
2
tw(CLOCKOUT)
Pulse width, CLOCKOUT
0.45*P (1) 0.55*P (1)
ns
3
td(CLOCKOUT-DATAOUT)
Delay time, CLOCKOUT to DATAOUT Valid
-3.00
3.60
ns
(1) P = 10.00ns
Figure 7-96. PRU-ICSS PRU Shift Out Timing
7.25.2
PRU-ICSS EtherCAT (PRU-ICSS ECAT)
7.25.2.1 PRU-ICSS ECAT Electrical Data and Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com