Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 344 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 344 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 340Page - Texas Instruments AM5728 Datasheet HTML 341Page - Texas Instruments AM5728 Datasheet HTML 342Page - Texas Instruments AM5728 Datasheet HTML 343Page - Texas Instruments AM5728 Datasheet HTML 344Page - Texas Instruments AM5728 Datasheet HTML 345Page - Texas Instruments AM5728 Datasheet HTML 346Page - Texas Instruments AM5728 Datasheet HTML 347Page - Texas Instruments AM5728 Datasheet HTML 348Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 415 page
background image
344
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Manual IO Timings Modes must be used to ensure some IO timings for MMC4. See Table 7-2 Modes
Summary for a list of IO timings requiring the use of Manual IO Timings Modes. See Table 7-134 Manual
Functions Mapping for MMC4 for a definition of the Manual modes.
Table 7-134 lists the A_DELAY and G_DELAY values needed to calculate the correct values to be set in
the CFG_x registers.
Table 7-134. Manual Functions Mapping for MMC4
BALL
BALL NAME
MMC4_MANUAL1
MMC4_DS_MANUAL1
CFG REGISTER
MUXMODE
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
3
E25
uart1_ctsn
0
0
0
0
CFG_UART1_CTSN_IN
mmc4_clk
E25
uart1_ctsn
1147
0
0
0
CFG_UART1_CTSN_OUT
mmc4_clk
C27
uart1_rtsn
1834
0
307
0
CFG_UART1_RTSN_IN
mmc4_cmd
C27
uart1_rtsn
0
0
0
0
CFG_UART1_RTSN_OEN
mmc4_cmd
C27
uart1_rtsn
0
0
0
0
CFG_UART1_RTSN_OUT
mmc4_cmd
D27
uart2_ctsn
2165
0
785
0
CFG_UART2_CTSN_IN
mmc4_dat2
D27
uart2_ctsn
0
0
0
0
CFG_UART2_CTSN_OEN
mmc4_dat2
D27
uart2_ctsn
0
0
0
0
CFG_UART2_CTSN_OUT
mmc4_dat2
C28
uart2_rtsn
1929
64
613
0
CFG_UART2_RTSN_IN
mmc4_dat3
C28
uart2_rtsn
0
0
0
0
CFG_UART2_RTSN_OEN
mmc4_dat3
C28
uart2_rtsn
0
0
0
0
CFG_UART2_RTSN_OUT
mmc4_dat3
D28
uart2_rxd
1935
128
683
0
CFG_UART2_RXD_IN
mmc4_dat0
D28
uart2_rxd
0
0
0
0
CFG_UART2_RXD_OEN
mmc4_dat0
D28
uart2_rxd
0
0
0
0
CFG_UART2_RXD_OUT
mmc4_dat0
D26
uart2_txd
2172
44
835
0
CFG_UART2_TXD_IN
mmc4_dat1
D26
uart2_txd
0
0
0
0
CFG_UART2_TXD_OEN
mmc4_dat1
D26
uart2_txd
0
0
0
0
CFG_UART2_TXD_OUT
mmc4_dat1
7.24 General-Purpose Interface (GPIO)
The general-purpose interface combines eight general-purpose input/output (GPIO) banks. Each GPIO
module provides 32 dedicated general-purpose pins with input and output capabilities; thus, the general-
purpose interface supports up to 247 pins.
These pins can be configured for the following applications:
•
Data input (capture)/output (drive)
•
Keyboard interface with a debounce cell
•
Interrupt generation in active mode upon the detection of external events. Detected events are
processed by two parallel independent interrupt-generation submodules to support biprocessor
operations
•
Wake-up request generation in idle mode upon the detection of external events
NOTE
For more information, see the General-Purpose Interface chapter of the Device TRM.
NOTE
The general-purpose input/output i (i = 1 to 8) bank is also referred to as GPIOi.
7.25 Programmable Real-Time Unit Subsystem and Industrial Communication Subsystem
(PRU-ICSS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com