Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 349 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 349 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 345Page - Texas Instruments AM5728 Datasheet HTML 346Page - Texas Instruments AM5728 Datasheet HTML 347Page - Texas Instruments AM5728 Datasheet HTML 348Page - Texas Instruments AM5728 Datasheet HTML 349Page - Texas Instruments AM5728 Datasheet HTML 350Page - Texas Instruments AM5728 Datasheet HTML 351Page - Texas Instruments AM5728 Datasheet HTML 352Page - Texas Instruments AM5728 Datasheet HTML 353Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 415 page
background image
MDIO_CLK (Output)
1
2
MDIO_DATA (Input)
SPRS91x_TIMING_PRU_MII_RT_01
EDC_LATCHx_IN
1
SPRS91x_TIMING_PRU_ECAT_04
EDIO_SOF
3
1
2
EDIO_DATA_IN[7:0]
SPRS91x_TIMING_PRU_ECAT_03
349
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
(1) PRUSS_IEP_CLK clock period
Figure 7-99. PRU-ICSS ECAT Input Validated With SOF
Table 7-143. PRU-ICSS ECAT Timing Requirements - LATCHx_IN
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tw(EDC_LATCHx_IN)
Pulse duration, EDC_LATCHx_IN
3*P (1)
ns
(1) PRUSS_IEP_CLK clock period
Figure 7-100. PRU-ICSS ECAT LATCHx_IN Timing
Table 7-144. PRU-ICSS ECAT Switching Requirements - Digital IOs
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tsk(EDIO_DATA_OUT)
EDIO_DATA_OUT skew
8
ns
7.25.3 PRU-ICSS MII_RT and Switch
7.25.3.1 PRU-ICSS MDIO Electrical Data and Timing
Table 7-145. PRU-ICSS MDIO Timing Requirements – MDIO_DATA
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tsu(MDIO-MDC)
Setup time, MDIO valid before MDC high
90
ns
2
th(MDIO-MDC)
Hold time, MDIO valid from MDC high
0
ns
Figure 7-101. PRU-ICSS MDIO_DATA Timing - Input Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com