| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 126 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 126 Page - Texas Instruments |
|
126 / 415 page ![]() 126 AM5729, AM5728, AM5726 SPRS953F – DECEMBER 2015 – REVISED MAY 2019 www.ti.com Submit Documentation Feedback Product Folder Links: AM5729 AM5728 AM5726 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-12. UART Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL uart10_txd UART10 Transmit Data O E2/ F20/ AD6/ C28 uart10_ctsn UART10 clear to send active low I D2/ AB8 uart10_rtsn UART10 request to send active low O F4/ AB5 4.4.10 Multichannel Serial Peripheral Interface (McSPI) CAUTION The I/O timings provided in Section 7, Timing Requirements and Switching Characteristics are applicable for all combinations of signals for SPI1 and SPI2. However, the timings are valid only for SPI3 and SPI4 if signals within a single IOSET are used. The IOSETS are defined in the Table 7-45. NOTE For more information, see the Serial Communication Interface / Multichannel Serial Peripheral Interface (McSPI) section of the device TRM. Table 4-13. SPI Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL Serial Peripheral Interface 1 spi1_sclk(1) SPI1 Clock IO A25 spi1_d1 SPI1 Data. Can be configured as either MISO or MOSI. IO F16 spi1_d0 SPI1 Data. Can be configured as either MISO or MOSI. IO B25 spi1_cs0 SPI1 Chip Select IO A24 spi1_cs1 SPI1 Chip Select IO A22 spi1_cs2 SPI1 Chip Select IO B21 spi1_cs3 SPI1 Chip Select IO B20 Serial Peripheral Interface 2 spi2_sclk(1) SPI2 Clock IO A26 spi2_d1 SPI2 Data. Can be configured as either MISO or MOSI. IO B22 spi2_d0 SPI2 Data. Can be configured as either MISO or MOSI. IO G17 spi2_cs0 SPI2 Chip Select IO B24 spi2_cs1 SPI2 Chip Select IO A22 spi2_cs2 SPI2 Chip Select IO B21 spi2_cs3 SPI2 Chip Select IO B20 Serial Peripheral Interface 3 spi3_sclk(1) SPI3 Clock IO AD9/ V2/ B12/ E11/ AC4/ C18 spi3_d1 SPI3 Data. Can be configured as either MISO or MOSI. IO AF9/ Y1/ B10/ A11/ A21/ AC7 spi3_d0 SPI3 Data. Can be configured as either MISO or MOSI. IO AE9/ W9/ C11/ B13/ AC6/ G16 spi3_cs0 SPI3 Chip Select IO AF8/ V9/ D11/ A12/ AC9/ D17 spi3_cs1 SPI3 Chip Select IO B11/ AC3/ E14 spi3_cs2 SPI3 Chip Select IO F11 spi3_cs3 SPI3 Chip Select IO A10 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |