| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 125 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 125 Page - Texas Instruments |
|
125 / 415 page ![]() 125 AM5729, AM5728, AM5726 www.ti.com SPRS953F – DECEMBER 2015 – REVISED MAY 2019 Submit Documentation Feedback Product Folder Links: AM5729 AM5728 AM5726 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-12. UART Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL uart1_rtsn UART1 request to send active low O C27 Universal Asynchronous Receiver/Transmitter 2 (UART2) uart2_rxd UART2 Receive Data I D28 uart2_txd UART2 Transmit Data O D26 uart2_ctsn UART2 clear to send active low I D27 uart2_rtsn UART2 request to send active low O C28 Universal Asynchronous Receiver/Transmitter 3 (UART3)/IrDA uart3_rxd UART3 Receive Data for both normal UART mode and IrDA mode. I V2/ AB3/ A26 / D27 uart3_txd UART3 Transmit Data O Y1/ AA4/ B22/ C28 uart3_ctsn UART3 clear to send active low I U4/ W9/ G17/ D28 uart3_rtsn UART3 request to send active low O V1/ V9/ D26/ B24 uart3_rctx Remote control data O D28 uart3_sd Infrared transceiver configure/shutdown O D26 uart3_irtx Infrared data output O C28 Universal Asynchronous Receiver/Transmitter 4 (UART4) uart4_rxd UART4 Receive Data I V7/ G16/ B21 uart4_txd UART4 Transmit Data O U7/ D17/ B20 uart4_ctsn UART4 clear to send active low I V6 uart4_rtsn UART4 request to send active low O U6 Universal Asynchronous Receiver/Transmitter 5 (UART5) uart5_rxd UART5 Receive Data I R6/ F11/ B19/ AC7/ G17 uart5_txd UART5 Transmit Data O T9/ G10/ C17/ AC6/ B24 uart5_ctsn UART5 clear to send active low I T6/ AC9 uart5_rtsn UART5 request to send active low O T7/ AC3 Universal Asynchronous Receiver/Transmitter 6 (UART6) uart6_rxd UART6 Receive Data I P6/ E8/ G12/ W7 uart6_txd UART6 Transmit Data O R9/ D9/ F12/ Y9 uart6_ctsn UART6 clear to send active low I R5/ G13 uart6_rtsn UART6 request to send active low O P5/ J11 Universal Asynchronous Receiver/Transmitter 7 (UART7) uart7_rxd UART7 Receive Data I T6/ AD9/ B7/ B18 uart7_txd UART7 Transmit Data O T7/ AF9/ B8/ F15 uart7_ctsn UART7 clear to send active low I AE9/ B19 uart7_rtsn UART7 request to send active low O AF8/ C17 Universal Asynchronous Receiver/Transmitter 8 (UART8) uart8_rxd UART8 Receive Data I AE8/ R5/ C18/ G20 uart8_txd UART8 Transmit Data O AD8/ P5/ A21/ G19 uart8_ctsn UART8 clear to send active low I AG7/ G16 uart8_rtsn UART8 request to send active low O AH6/ D17 Universal Asynchronous Receiver/Transmitter 9 (UART9) uart9_rxd UART9 Receive Data I G1/ AA3/ E25 uart9_txd UART9 Transmit Data O G6/ AB9/ C27 uart9_ctsn UART9 clear to send active low I F2/ AB3 uart9_rtsn UART9 request to send active low O F3/ AA4 Universal Asynchronous Receiver/Transmitter 10 (UART10) uart10_rxd UART10 Receive Data I D1/ E21/ AC8/ D27 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |