| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 135 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 135 Page - Texas Instruments |
|
135 / 415 page ![]() 135 AM5729, AM5728, AM5726 www.ti.com SPRS953F – DECEMBER 2015 – REVISED MAY 2019 Submit Documentation Feedback Product Folder Links: AM5729 AM5728 AM5726 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-22. eMMC/SD/SDIO Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL mmc4_dat2 MMC4 data bit 2 IO D27 mmc4_dat3 MMC4 data bit 3 IO C28 (1) By default, this clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve as the internal reference signal. mmc1_clk and mmc2_clk have an optional software programmable setting to use an 'internal loopback clock' instead of the default 'pad loopback clock'. If the 'pad loopback clock' is used, series termination is recommended (as close to device pin as possible) to improve signal integrity of the clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS. 4.4.20 General-Purpose Interface (GPIO) NOTE For more information, see the General-Purpose Interface section of the device TRM. Table 4-23. GPIOs Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL GPIO 1 gpio1_0 General-Purpose Input I AD17 gpio1_1 General-Purpose Input I AC17 gpio1_2 General-Purpose Input I AB16 gpio1_3 General-Purpose Input I AC16 gpio1_4 General-Purpose Input/Output IO D15 gpio1_5 General-Purpose Input/Output IO A17 gpio1_6 General-Purpose Input/Output IO M6 gpio1_7 General-Purpose Input/Output IO M2 gpio1_8 General-Purpose Input/Output IO L5 gpio1_9 General-Purpose Input/Output IO M1 gpio1_10 General-Purpose Input/Output IO L6 gpio1_11 General-Purpose Input/Output IO L4 gpio1_12 General-Purpose Input/Output IO L3 gpio1_13 General-Purpose Input/Output IO L2 gpio1_14 General-Purpose Input/Output IO G20 gpio1_15 General-Purpose Input/Output IO G19 gpio1_16 General-Purpose Input/Output IO D27 gpio1_17 General-Purpose Input/Output IO C28 gpio1_18 General-Purpose Input/Output IO H1 gpio1_19 General-Purpose Input/Output IO J3 gpio1_20 General-Purpose Input/Output IO H2 gpio1_21 General-Purpose Input/Output IO H3 gpio1_22 General-Purpose Input/Output IO AC8 gpio1_23 General-Purpose Input/Output IO AD6 gpio1_24 General-Purpose Input/Output IO AB8 gpio1_25 General-Purpose Input/Output IO AB5 gpio1_26 General-Purpose Input/Output IO P6 gpio1_27 General-Purpose Input/Output IO R9 gpio1_28 General-Purpose Input/Output IO R5 gpio1_29 General-Purpose Input/Output IO P5 gpio1_30 General-Purpose Input/Output IO N7 gpio1_31 General-Purpose Input/Output IO R4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |