Electronic Components Datasheet Search
  English  ▼

X  

CS1231 Datasheet(PDF) 11 Page - Core Technology (Shenzhen) Co., Ltd.

Part # CS1231
Description  24-bit Sigma-Delta ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Direct Link  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CS1231 Datasheet(HTML) 11 Page - Core Technology (Shenzhen) Co., Ltd.

Back Button CS1231 Datasheet HTML 7Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 8Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 9Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 10Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 11Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 12Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 13Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 14Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 15Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
CS1231
R
Re
ev
v..1
1..5
5
第
第 1111 页
页,
,共
共 2211 页
页
1.7
噪声性能
表5 噪声性能表
条件
速度
增益
RMS 噪声
P -P 噪声
ENOB(RMS)
NOISE-FREE BITS
AVDD=5V
VREF=5V
10Hz
64
32nV
242nV
21.2
18.3
128
30nV
183nV
20.3
17.7
80Hz
64
105nV
484nV
19.5
17.3
128
80nV
421nV
18.9
16.5
AVDD=3V
VREF=3V
10Hz
64
32nV
192nV
20.5
17.9
128
28nV
156nV
19.7
17.2
80Hz
64
63nV
383nV
19.5
16.9
128
73nV
358nV
18.3
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com