Electronic Components Datasheet Search
  English  ▼

X  

CS1231 Datasheet(PDF) 15 Page - Core Technology (Shenzhen) Co., Ltd.

Part # CS1231
Description  24-bit Sigma-Delta ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Direct Link  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CS1231 Datasheet(HTML) 15 Page - Core Technology (Shenzhen) Co., Ltd.

Back Button CS1231 Datasheet HTML 11Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 12Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 13Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 14Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 15Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 16Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 17Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 18Page - Core Technology (Shenzhen) Co., Ltd. CS1231 Datasheet HTML 19Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
CS1231
R
Re
ev
v..1
1..5
5
第
第 1155 页
页,
,共
共 2211 页
页
2.3
时钟信号源
CLK_DETECT
Internal
Osillator
MUX
CLKIN
EN
TO ADC
S
S1
S0
图5 CS1231 时钟信号
CS1231 可以使用外部输入时钟或内置振荡电路来提供系统所需要的时钟频率,图 5 为
CS1231 时钟系统的基本结构图,CLK_DETECT 用来检测是否存在外置时钟以确定关闭或
打开内置振荡电路,当 CLKIN 的频率超过 200kHz 时,CLK_DETECT 的输出置低以关闭
内置振荡电路,当 CLKIN 的频率小于 200kHz 时,CLK_DETECT 的输出置高以打开内置
振荡电路,使用内置振荡电路建议将 CLKIN 置低。
2.4
复位和断电(POR & power down)
当芯片上电时,内置上电复位电路会使芯片自动复位。将引脚 PDWN 端口拉低,可以使
整个系统进入 Power down 状态,此时功耗低于 1.6uA,正常使用时将 PDWN 拉高。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com