Electronic Components Datasheet Search
  English  ▼

X  

OPA818 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA818
Description  2.7-GHz, 13-V, Gain of 7-V/V Stable, FET-Input Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA818 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA818 Datasheet HTML 8Page - Texas Instruments OPA818 Datasheet HTML 9Page - Texas Instruments OPA818 Datasheet HTML 10Page - Texas Instruments OPA818 Datasheet HTML 11Page - Texas Instruments OPA818 Datasheet HTML 12Page - Texas Instruments OPA818 Datasheet HTML 13Page - Texas Instruments OPA818 Datasheet HTML 14Page - Texas Instruments OPA818 Datasheet HTML 15Page - Texas Instruments OPA818 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
RF
301
±5 V
+5 V
RG
49.9
0.01 …F
0.22 …F
0.01 …F
0.22 …F
49.9
VIN
VO
49.9
+
±
50
Source
50
Load
12
OPA818
SBOS940 – MAY 2019
www.ti.com
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Wideband, Noninverting Operation
The OPA818 provides a unique combination of high GBWP, low-input voltage noise, and the DC precision of a
trimmed JFET-input stage to provide an exceptional high input impedance for a voltage-feedback amplifier. Its
very high GBWP of 2.7 GHz can be used to either deliver high-signal bandwidths at high gains, or to extend the
achievable bandwidth or gain in photodiode-transimpedance applications. To achieve the full performance of the
OPA818, careful attention to printed circuit board (PCB) layout and component selection is required as discussed
in the following sections of this data sheet.
Figure 12 shows the noninverting gain of +7 V/V circuit used as the basis for most of theTypical Characteristics:
VS = ±5 V. Most of the curves were characterized using signal sources with 50-Ω driving impedance, and with
measurement equipment presenting a 50-Ω load impedance. In Figure 12, the 49.9-Ω shunt resistor at the VIN
terminal matches the source impedance of the test generator, while the 49.9-Ω series resistor at the VO terminal
provides a matching resistor for the measurement equipment load. Generally, data sheet voltage swing
specifications are at the output pin (VO in Figure 12) while output power specifications are at the matched 50-Ω
load. The total 100-Ω load at the output combined with the 350-Ω total feedback network load, presents the
OPA818 with an effective output load of 78 Ω for the circuit of Figure 12.
Figure 12. Noninverting G = +7 V/V Configuration and Test Circuit
Voltage-feedback operational amplifiers, unlike current feedback products, can use a wide range of resistor
values to set their gain. To retain a controlled frequency response for the noninverting voltage amplifier of
Figure 12, the parallel combination of RF || RG should always be less than 50Ω. In the noninverting configuration,
the parallel combination of RF || RG will form a pole with the parasitic input capacitance at the inverting node of
the OPA818 (including layout parasitics). For best performance, this pole should be at a frequency greater than
the closed loop bandwidth for the OPA818.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com