Electronic Components Datasheet Search
  English  ▼

X  

OPA818 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA818
Description  2.7-GHz, 13-V, Gain of 7-V/V Stable, FET-Input Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA818 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA818 Datasheet HTML 9Page - Texas Instruments OPA818 Datasheet HTML 10Page - Texas Instruments OPA818 Datasheet HTML 11Page - Texas Instruments OPA818 Datasheet HTML 12Page - Texas Instruments OPA818 Datasheet HTML 13Page - Texas Instruments OPA818 Datasheet HTML 14Page - Texas Instruments OPA818 Datasheet HTML 15Page - Texas Instruments OPA818 Datasheet HTML 16Page - Texas Instruments OPA818 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
3dB
F
TOT
GBWP
f
2 R C
S
VO
+5 V
±5 V
+
±
RF
CF
VBIAS
OPA818
VREF
13
OPA818
www.ti.com
SBOS940 – MAY 2019
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Application Information (continued)
8.1.2 Wideband, Transimpedance Design Using OPA818
With high GBWP, low input voltage and current noise, and low input capacitance, the OPA818 design is
optimized for wideband, low-noise transimpedance applications. The high voltage capability allows greater
flexibility of supply voltages along with wider output voltage swings. Figure 13 shows an example circuit of a
typical photodiode amplifier circuit. Generally the photodiode is reverse biased in a TIA application so the
photodiode current in the circuit ofFigure 13 flows into the op amp feedback loop resulting in an output voltage
that reduces from VREF with increasing photodiode current. In this type of configuration and depending on the
application needs, VREF can be biased closer to VS+ to achieve the desired output swing. Input common-mode
range must be considered so as not to violate it when VREF bias is used.
The key design elements that determine the closed-loop bandwidth, f–3dB, of the circuit are below:
1. The op amp GBWP
2. The transimpedance gain, RF, and,
3. The total input capacitance, CTOT, that includes photodiode capacitance, input capacitance of the amplifier
(common-mode and differential capacitance), and PCB parasitic capacitance
Figure 13. Wideband, Low-Noise, Transimpedance Amplifier
Equation 1 shows the relationship between the above mentioned three elements for a Butterworth response.
(1)
The feedback resistance RF and the total input capacitance CTOT cause a zero in the noise gain that results in
instability if left uncompensated. To counteract the effect of the zero, a pole is inserted in the noise gain by
adding the feedback capacitor, CF. . The Transimpedance Considerations for High-Speed Amplifiers application
report discusses theories and equations that show how to compensate a transimpedance amplifier for a
particular gain and input capacitance. The bandwidth and compensation equations from the application report are
available in a Microsoft Excel™ calculator. What You Need To Know About Transimpedance Amplifiers – Part 1
provides a link to the calculator.
8.2 Typical Application
The high GBWP and low input voltage and current noise for the OPA818 make it an excellent wideband
transimpedance amplifier for moderate to high transimpedance gains.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com