Electronic Components Datasheet Search
  English  ▼

X  

TMUX1219DBVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1219DBVR
Description  5-V Bidirectional, 2:1 General Purpose Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1219DBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX1219DBVR Datasheet HTML 17Page - Texas Instruments TMUX1219DBVR Datasheet HTML 18Page - Texas Instruments TMUX1219DBVR Datasheet HTML 19Page - Texas Instruments TMUX1219DBVR Datasheet HTML 20Page - Texas Instruments TMUX1219DBVR Datasheet HTML 21Page - Texas Instruments TMUX1219DBVR Datasheet HTML 22Page - Texas Instruments TMUX1219DBVR Datasheet HTML 23Page - Texas Instruments TMUX1219DBVR Datasheet HTML 24Page - Texas Instruments TMUX1219DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
RF Output
TMUX1219
SEL
1.8 V
DAC
0 V
5 V
RF Input
Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
20
40
60
80
VDD = 1.08V
VDD = 1.62 V
VDD = 3 V
VDD = 4.5 V
D001
21
TMUX1219
www.ti.com
SCDS409 – MAY 2019
Product Folder Links: TMUX1219
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.2.1.2 Detailed Design Procedure
The application shown in Figure 17 demonstrates how to use a single control input and toggle between gain
settings of -1 and +1. If switching between inverting and unity gain is not required, the TMUX1219 can be utilized
in the feedback path to select different feedback resistors and provide scalable gain settings for configurable
signal conditioning.
The TMUX1219 can be operated without any external components except for the supply decoupling capacitors.
The select pin is recommended to have a weak pull-down or pull-up resistor to ensure the input is in a known
state. All inputs to the switch must fall within the recommend operating conditions of the TMUX1219 including
signal range and continuous current. For this design with a supply of 2.75 V the signal range can be 0 V to 2.75
V and the max continuous current can be 30 mA.
9.2.1.3 Application Curve
TA = 25°C
Figure 18. On-Resistance vs Source or Drain Voltage
9.2.2 Input Control for Power Amplifier
Another application of the TMUX1219 is for input control of a power amplifier. Utilizing a switch allows a system
to control when the DAC is connected to the power amplifier, and can stop biasing the power amplifier by
switching the gate to GND. Figure 19 shows the TMUX1219 configured for control of the power amplifier.
Figure 19. Input Control of Power Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com