Electronic Components Datasheet Search
  English  ▼

X  

TMUX1219DBVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1219DBVR
Description  5-V Bidirectional, 2:1 General Purpose Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1219DBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMUX1219DBVR Datasheet HTML 18Page - Texas Instruments TMUX1219DBVR Datasheet HTML 19Page - Texas Instruments TMUX1219DBVR Datasheet HTML 20Page - Texas Instruments TMUX1219DBVR Datasheet HTML 21Page - Texas Instruments TMUX1219DBVR Datasheet HTML 22Page - Texas Instruments TMUX1219DBVR Datasheet HTML 23Page - Texas Instruments TMUX1219DBVR Datasheet HTML 24Page - Texas Instruments TMUX1219DBVR Datasheet HTML 25Page - Texas Instruments TMUX1219DBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
VDD - Supply Voltage (V)
0.5
1.5
2.5
3.5
4.5
5.5
0
5
10
15
20
25
30
Rising
Falling
D004
22
TMUX1219
SCDS409 – MAY 2019
www.ti.com
Product Folder Links: TMUX1219
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.2.2.1 Design Requirements
This design example uses the parameters listed in Table 2.
Table 3. Design Parameters
PARAMETERS
VALUES
Supply (VDD)
5 V
Mux I/O signal range
0 V to VDD (Rail to Rail)
Control logic thresholds
1.8 V compatible (up to 5.5V)
9.2.2.2 Detailed Design Procedure
The application shown in Figure 19 demonstrates how to toggle between the DAC output and GND for control of
a power amplifier using a single control input. The DAC output is utilized to bias the gate of the power amplifier
and can be disconnected from the circuit using the select pin of the switch. The TMUX1219 can support 1.8-V
logic signals on the control input, allowing the device to interface with low logic controls of an FPGA or MCU. The
TMUX1219 can be operated without any external components except for the supply decoupling capacitors. The
select pin is recommended to have a weak pull-down or pull-up resistor to ensure the input is in a known state.
All inputs to the switch must fall within the recommend operating conditions of the TMUX1219 including signal
range and continuous current. For this design with a supply of 5 V the signal range can be 0 V to 5 V and the
max continuous current can be 30 mA.
9.2.2.3 Application Curve
A key parameter for this application is the transition time of the device. Faster transition time allows the system to
toggle between input sources at a faster rate and allows the output to settle to the final value. The TMUX1219
has a transition time that varies with supply voltage and is shown in Figure 20
TA = 25°C
Figure 20. Ttransition vs Supply Voltage
10 Power Supply Recommendations
The TMUX1219 operates across a wide supply range of 1.08 V to 5.5 V. Do not exceed the absolute maximum
ratings because stresses beyond the listed ratings can cause permanent damage to the devices.
Power-supply bypassing improves noise margin and prevents switching noise propagation from the VDD supply to
other components. Good power-supply decoupling is important to achieve optimum performance. For improved
supply noise immunity, use a supply decoupling capacitor ranging from 0.1 μF to 10 μF from VDD to ground.
Place the bypass capacitors as close to the power supply pins of the device as possible using low-impedance
connections. TI recommends using multi-layer ceramic chip capacitors (MLCCs) that offer low equivalent series
resistance (ESR) and inductance (ESL) characteristics for power-supply decoupling purposes. For very sensitive
systems, or for systems in harsh noise environments, avoiding the use of vias for connecting the capacitors to
the device pins may offer superior noise immunity. The use of multiple vias in parallel lowers the overall
inductance and is beneficial for connections to ground planes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com