Electronic Components Datasheet Search
  English  ▼

X  

PCD6003U Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCD6003U
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003U Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCD6003U Datasheet HTML 3Page - NXP Semiconductors PCD6003U Datasheet HTML 4Page - NXP Semiconductors PCD6003U Datasheet HTML 5Page - NXP Semiconductors PCD6003U Datasheet HTML 6Page - NXP Semiconductors PCD6003U Datasheet HTML 7Page - NXP Semiconductors PCD6003U Datasheet HTML 8Page - NXP Semiconductors PCD6003U Datasheet HTML 9Page - NXP Semiconductors PCD6003U Datasheet HTML 10Page - NXP Semiconductors PCD6003U Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
2001 Apr 17
7
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
6.2
Pin description
Table 1
QFP80 package
SYMBOL
PIN
I/O
RESET
STATE
PIN TYPE(1)
DESCRIPTION
PSEN
1
O
H
ucp4mthuwh
program store enable (80C51)
EA
2
I
Z
ucp4mthuwh
external access NOT (80C51)
ALE
3
O
H
ucp4mthuwh
address latch enable signal (80C51)
MA0
4
O
L
ops10c
general purpose output; EA = 1; add_low; EA = 0
MA1
5
O
L
ops10c
general purpose output; EA = 1; add_low; EA = 0
MA2
6
O
L
ops10c
general purpose output; EA = 1; add_low; EA = 0
MA3
7
O
L
ops10c
general purpose output; EA = 1; add_low; EA = 0
MA4
8
O
L
ops10c
general purpose output; EA = 1; add_low; EA = 0
MA5
9
O
L
ops10c
general purpose output; EA = 1; add_low; EA = 0
MA6
10
O
L
ops10c
general purpose output; EA = 1; add_low; EA = 0
MA7
11
O
L
ops10c
general purpose output; EA = 1; add_low; EA = 0
VDD3V2
12
power supply
positive supply 2 (3.0 V) for digital circuitry
VSS3V1
13
power supply
ground supply 1 for digital circuitry
P1.0/EX2
14
I/O
H
ucp4mthuwh
80C51 port pin/EX2 input
P1.1/EX3
15
I/O
H
ucp4mthuwh
80C51 port pin/EX3 input
P1.2/EX4
16
I/O
H
ucp4mthuwh
80C51 port pin/EX4 input
P1.3/EX5
17
I/O
H
ucp4mthuwh
80C51 port pin/EX5 input
P1.4/EX6
18
I/O
H
ucp4mthuwh
80C51 port pin/EX6 input
P1.5
19
I/O
H
ucp4mthuwh
80C51 port pin
P1.6/SCL
20
I/O
Z
I2C400k
80C51 port pin/I2C-bus clock
P1.7/SDA
21
I/O
Z
I2C400k
80C51 port pin/I2C-bus data
VSS3V3
22
power supply
ground supply 3 for digital circuitry
SPKRP
23
O
Z
ana
positive output to speaker from CODEC2 (handsfree)
SPKRM
24
O
Z
ana
negative output to speaker from CODEC2 (handsfree)
MICP
25
I
0.625 V
ana
positive input from microphone to CODEC2 (handsfree)
MICM
26
I
0.625 V
ana
negative input from microphone to CODEC2 (handsfree)
VMIC
27
O
Z
ana
positive microphone supply voltage (2 V)
VSSA
28
power supply
ground supply voltage for analog circuits
VBGP
29
O
1.25 V
band gap output voltage (VBGP)
VREF
30
O
2.00 V
ana
reference voltage (VREF)
AD0IN
31
I
−
ana
analog input channel 1 for general purpose ADC
AD1IN
32
I
−
ana
analog input channel 2 for general purpose ADC
DAOUT
33
O
0.5VDDA
ana
analog output channel for general purpose D/A converter
VDDA
34
power supply
positive supply (2.5 V) for analog circuits
LIFPIN
35
I
0.625 V
ana
positive analog input of CODEC1 (line CODEC)
LIFMIN2
36
I
0.625 V
ana
negative analog input 2 of CODEC1 (line CODEC)
LIFMIN1
37
I
0.625 V
ana
negative analog input 1 of CODEC1 (line CODEC)
LIFMOUT
38
O
Z
ana
negative analog output of CODEC1 (line CODEC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com