Electronic Components Datasheet Search
  English  ▼

X  

PCD6003U Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCD6003U
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003U Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCD6003U Datasheet HTML 4Page - NXP Semiconductors PCD6003U Datasheet HTML 5Page - NXP Semiconductors PCD6003U Datasheet HTML 6Page - NXP Semiconductors PCD6003U Datasheet HTML 7Page - NXP Semiconductors PCD6003U Datasheet HTML 8Page - NXP Semiconductors PCD6003U Datasheet HTML 9Page - NXP Semiconductors PCD6003U Datasheet HTML 10Page - NXP Semiconductors PCD6003U Datasheet HTML 11Page - NXP Semiconductors PCD6003U Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
2001 Apr 17
8
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
LIFPOUT
39
O
Z
ana
positive analog output of CODEC1 (line CODEC)
VSSPLL
40
power supply
ground supply for XTAL clock and PLL circuitry
XTAL2
41
O
running
ana
crystal oscillator output
XTAL1
42
I
−
ana
crystal oscillator input
VDDPLL
43
power supply
positive supply (2.5 V) for XTAL clock and PLL circuitry
VDD3V3
44
power supply
positive supply 3 (3.0 V) for digital circuitry
P3.0/MOUT0/DO
45
I/O
H
ucp4mthuwh
80C51 port pin/MSK output 0/IOM data output
P3.1/MOUT/DCK
46
I/O
H
ucp4mthuwh
80C51 port pin/MSK output 1/IOM DCK signal
P3.2/EX0N
47
I/O
H
ucp4mthuwh
80C51 port pin/EX0N input
P3.3/EX1N
48
I/O
H
ucp4mthuwh
80C51 port pin/EX1N input
P3.4/T0
49
I/O
H
ucp4mthuwh
80C51 port pin/Timer 0 input
P3.5/T1
50
I/O
H
ucp4mthuwh
80C51 port pin/Timer 1 input
P3.6/MOUT2/FSC
51
I/O
H
ucp4mthuwh
80C51 port pin/MSK output 2/IOM FSC signal
P3.7/MIN/DI
52
I/O
H
ucp4mthuwh
80C51 port pin/MSK input/IOM data input
VDD3V1
53
power supply
positive supply 1 (2.5 V) for digital circuitry
TST
54
I
−
iptd
test input (recommended to be connected to ground)
RSTIN
55
I
−
ipth
reset in
P4.0/LE
56
I/O
L
ucp4mthuwh
general purpose I/O/LCD enable, configured as OD after
reset
P4.1/FSK
57
I/O
Z
ucp4mthuwh
general purpose I/O/Flash Serial Clock, configured
as OD after reset
P4.2/FSO
58
I/O
Z
ucp4mthuwh
general purpose I/O/Flash Serial Out, configured as OD
after reset
P4.4/FSI
59
I/O
Z
ucp4mthuwh
general purpose I/O/Flash Serial In, configured as OD
after reset
P4.5/GPC
60
I/O
L
ucp4mthuwh
general purpose I/O/GP clock output (crystal clock or
microcontroller clock), configured as OD after reset
VSS3V2
61
power supply
negative supply 2 (ground) for digital circuitry
P4.3
62
I/O
Z
ucp4mthuwh
general purpose I/O, configured as OD after reset
RD
63
O
Z
ucp4mthuwh
80C51 read NOT, configured as OD after reset
WR
64
O
Z
ucp4mthuwh
80C51 write NOT, configured as OD after reset
P0.0
65
I/O
Z
uceda4mtuwh 80C51 Port 0 input/output
P0.1
66
I/O
Z
uceda4mtuwh 80C51 Port 0 input/output
P0.2
67
I/O
Z
uceda4mtuwh 80C51 Port 0 input/output
P0.3
68
I/O
Z
uceda4mtuwh 80C51 Port 0 input/output
P0.4
69
I/O
Z
uceda4mtuwh 80C51 Port 0 input/output
P0.5
70
I/O
Z
uceda4mtuwh 80C51 Port 0 input/output
P0.6
71
I/O
Z
uceda4mtuwh 80C51 Port 0 input/output
P0.7
72
I/O
Z
uceda4mtuwh 80C51 Port 0 input/output
P2.0
73
O
L
ucp4mthuwh
general purpose output, EA = 1; add_high; EA = 0
P2.1
74
O
L
ucp4mthuwh
general purpose output, EA = 1; add_high; EA = 0
SYMBOL
PIN
I/O
RESET
STATE
PIN TYPE(1)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com