Electronic Components Datasheet Search
  English  ▼

X  

DS5000 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS5000
Description  Soft Microcontroller Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS5000 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS5000 Datasheet HTML 2Page - Maxim Integrated Products DS5000 Datasheet HTML 3Page - Maxim Integrated Products DS5000 Datasheet HTML 4Page - Maxim Integrated Products DS5000 Datasheet HTML 5Page - Maxim Integrated Products DS5000 Datasheet HTML 6Page - Maxim Integrated Products DS5000 Datasheet HTML 7Page - Maxim Integrated Products DS5000 Datasheet HTML 8Page - Maxim Integrated Products DS5000 Datasheet HTML 9Page - Maxim Integrated Products DS5000 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DS5000(T)
6 of 19
PROGRAM LOADING CONFIGURATIONS Figure 3
Table 1 summarizes the selection of the available Parallel Program Load cycles. The timing associated
with these cycles is illustrated in the electrical specs.
SERIAL BOOTSTRAP LOADER
The Serial Program Load Mode is the easiest, fastest, most reliable, and most complete method of
initially loading application software into the DS5000(T) nonvolatile RAM. Communication can be
performed over a standard asynchronous serial communications port. A typical application would use a
simple RS232C serial interface to program the DS5000(T) as a final production procedure. The hardware
configuration required for the Serial Program Load mode is illustrated in Figure 3. Port pins 2.7 and 2.6
must be either open or pulled high to avoid placing the DS5000(T) in a parallel load cycle. Although an
11.0592 MHz crystal is shown in Figure 3, a variety of crystal frequencies and loader baud rates are
supported, shown in Table 2. The serial loader is designed to operate across a 3-wire interface from a
standard UART. The receive, transmit, and ground wires are all that are necessary to establish
communication with the DS5000(T).
The Serial Bootstrap Loader implements an easy-to-use command line interface that allows an application
program in an Intel hex representation to be loaded into and read back from the device. Intel hex is the
typical format which existing 8051 cross-assemblers output. The serial loader responds to single
character commands, which are summarized below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com