Electronic Components Datasheet Search
  English  ▼

X  

DS5000 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS5000
Description  Soft Microcontroller Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS5000 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS5000 Datasheet HTML 1Page - Maxim Integrated Products DS5000 Datasheet HTML 2Page - Maxim Integrated Products DS5000 Datasheet HTML 3Page - Maxim Integrated Products DS5000 Datasheet HTML 4Page - Maxim Integrated Products DS5000 Datasheet HTML 5Page - Maxim Integrated Products DS5000 Datasheet HTML 6Page - Maxim Integrated Products DS5000 Datasheet HTML 7Page - Maxim Integrated Products DS5000 Datasheet HTML 8Page - Maxim Integrated Products DS5000 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1 of 19
REV: 070706
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
FEATURES
8-Bit 8051-Compatible Microcontroller
Adapts to Task at Hand
8 or 32 kbytes of Nonvolatile RAM for
Program and/or Data Memory Storage
Initial Downloading of Software in End
System via On-Chip Serial Port
Capable of Modifying Its Own Program
and/or Data Memory in End Use
Crashproof Operation
Maintains All Nonvolatile Resources for 10
Years in the Absence of VCC at Room
Temperature
Power-Fail Reset
Early Warning Power-Fail Interrupt
Watchdog Timer
Software Security Feature
Executes Encrypted Software to Prevent
Unauthorized Disclosure
On-Chip, Full-Duplex Serial I/O Ports
Two On-Chip Timer/Event Counters
32 Parallel I/O Lines
Compatible with Industry Standard 8051
Instruction Set and Pinout
Optional Permanently Powered Real-Time
Clock (DS5000T)
PIN ASSIGNMENT
DESCRIPTION
The DS5000(T) Soft Microcontroller Module is a fully 8051-compatible 8-bit CMOS microcontroller that
offers “softness” in all aspects of its application. This is accomplished through the comprehensive use of
nonvolatile technology to preserve all information in the absence of system VCC. The internal
program/data memory space is implemented using either 8 or 32 kbytes of nonvolatile CMOS SRAM.
Furthermore, internal data registers and key configuration registers are also nonvolatile. An optional real-
time clock (RTC) gives permanently powered timekeeping. The clock keeps time to a hundredth of a
second using an on-board crystal.
Note: This data sheet provides ordering information, pinout, and electrical specifications. Refer to the
Secure Microcontroller User’s Guide for operating information.
DS5000(T)
Soft Microcontroller Module
www.maxim-ic.com
1
P1.0
2
P1.1
3
P1.2
4
P1.3
5
P1.4
6
P1.5
7
P1.6
8
P1.7
9
RST
10
RXD P3.0
11
TXD P3.1
12
INT0 P3.2
13
INT1 P3.3
14
T0 P3.4
15
T1 P3.5
16
WR P3.6
17
RD P3.7
18
XTAL2
19
XTAL1
20
GND
VCC
40
P0.0 AD0
39
P0.1 AD1
38
P0.2 AD2
37
P0.3 AD3
36
P0.4 AD4
35
P0.5 AD5
34
P0.6 AD6
33
P0.7 AD7
32
EA
31
ALE
30
PSEN
29
P2.7 A15
28
P2.6 A14
27
P2.5 A13
26
P2.4 A12
25
P2.3 A11
24
P2.2 A10
23
P2.1 A9
22
P2.0 A8
21
40-Pin Encapsulated Package
DS5000(T)


Similar Part No. - DS5000

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
937Kb / 18P
Soft Microcontroller
DS5000 DALLAS-DS5000 Datasheet
100Kb / 19P
Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
378Kb / 19P
Soft Microcontroller Module
DS5000-32-12 DALLAS-DS5000-32-12 Datasheet
937Kb / 18P
Soft Microcontroller
More results

Similar Description - DS5000

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
Soft Microcontroller Module
DS2250T DALLAS-DS2250T Datasheet
594Kb / 20P
Soft Microcontroller Module
DS2250 DALLAS-DS2250_1 Datasheet
120Kb / 19P
Soft Microcontroller Module
DS5000 DALLAS-DS5000_1 Datasheet
100Kb / 19P
Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T_06 Datasheet
604Kb / 22P
128k Soft Microcontroller Module
DS2252T DALLAS-DS2252T_06 Datasheet
680Kb / 16P
Soft Microcontroller Module
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
Soft Microcontroller Module
REV: 070706
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
Soft Microcontroller Module
REV: 061306
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com