Electronic Components Datasheet Search
  English  ▼

X  

MAX5521 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5521
Description  MAX5535 Evaluation Kit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5521 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5521 Datasheet HTML 1Page - Maxim Integrated Products MAX5521 Datasheet HTML 2Page - Maxim Integrated Products MAX5521 Datasheet HTML 3Page - Maxim Integrated Products MAX5521 Datasheet HTML 4Page - Maxim Integrated Products MAX5521 Datasheet HTML 5Page - Maxim Integrated Products MAX5521 Datasheet HTML 6Page - Maxim Integrated Products MAX5521 Datasheet HTML 7Page - Maxim Integrated Products MAX5521 Datasheet HTML 8Page - Maxim Integrated Products MAX5521 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Quick Start
Recommended Equipment
Before beginning, the following equipment is needed:
•
MAX5535 EV kit (USB cable included)
•
A user-supplied Windows 2000/XP PC with a spare
USB port
•
Two digital voltmeters (DVMs)
Note: In the following sections, software-related items
are identified by bolding. Text in bold refers to items
directly from the EV kit software. Text in bold and
underlined refers to items from the Windows 2000/XP
operating system.
Procedure
The MAX5535 is fully assembled and tested. Follow the
steps below to verify board operation:
1) Visit www.maxim-ic.com/evkitsoftware to download
the latest version of the EV kit software,
5535Rxx.ZIP. Save the EV kit software to a tempo-
rary folder and uncompress the ZIP file.
2) Install the EV kit software on your computer by run-
ning the INSTALL.EXE program inside the temporary
folder. The program files are copied and icons are
created in the Windows Start | Programs menu.
MAX5535 Evaluation Kit
2
____________________________________________________________________________________________________
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
R6, R7
2
27
Ω ±5% resistors (0603)
(use lead-free parts only)
R9, R11
0
Not installed, resistors (0603)
R12–R15
0
Not installed, resistors (through hole)
R16
0
Not installed, resistor (0402)
(use lead-free parts only)
U1
1
Dual low-power DAC (12 TQFN-EP*)
Maxim MAX5535ETC+
U2
1
Microcontroller (68 QFN-EP*)
Maxim MAXQ2000-RAX+
U3
1
93C46 type 3-wire EEPROM (8 SO)
16-bit architecture
Atmel AT93C46A-10SU-2.7
U4
1
UART-to-USB converter
FTDI FT232BL (32 TQFP)
U5
1
3.3V regulator (5 SC70)
Maxim MAX8511EXK33+T
(Top Mark: AEI)
U6
1
2.5V regulator (5 SC70)
Maxim MAX8511EXK25+T
(Top Mark: ADV)
DESIGNATION
QTY
DESCRIPTION
U7
1
Single 1.8V to 5V level translator
(6 SOT23)
(Top Mark: CT1_)
TI SN74LVC1T45DBVT
TI SN74LVC1T45DBVR
U8
1
Dual 1.8V to 5V level translators
(8 SSOP)
(Top Mark: CT2_)
TI SN74LVC2T45DCTT
TI SN74LVC2T45DCTR
U9
1
2.5V voltage reference (8 SO)
Maxim MAX6126AASA25+
Y1
1
16MHz crystal
Citizen HCM49-16.000MABJ-UT
Y2
1
6MHz crystal
Citizen HCM49-6.000MABJ-UT
—
6
Shunts
—1
USB high-speed A-to-B cables, 6ft
Assmann Electronics AU-Y1002A-R
—
1
PCB: MAX5535 Evaluation Kit+
*
Exposed pad.
MAX5535 EV Kit Files
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on
your computer
MAX5535.EXE
Application program
HELPFILE.HTM
MAX5535 EV kit help file
FTD2XX.INF
USB device driver file
UNINST.INI
Uninstalls the EV kit software
TROUBLESHOOTING_USB.PDF
USB driver installation
help file
Note: Indicate that you are using the MAX5535 when contacting
these component suppliers.
SUPPLIER
PHONE
WEBSITE
Murata Electronics
North America, Inc.
770-436-1300 www.murata-northamerica.com
TDK Corp.
847-803-6100 www.component.tdk.com
Component Suppliers



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com