Electronic Components Datasheet Search
  English  ▼

X  

MAX5521 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5521
Description  MAX5535 Evaluation Kit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5521 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5521 Datasheet HTML 1Page - Maxim Integrated Products MAX5521 Datasheet HTML 2Page - Maxim Integrated Products MAX5521 Datasheet HTML 3Page - Maxim Integrated Products MAX5521 Datasheet HTML 4Page - Maxim Integrated Products MAX5521 Datasheet HTML 5Page - Maxim Integrated Products MAX5521 Datasheet HTML 6Page - Maxim Integrated Products MAX5521 Datasheet HTML 7Page - Maxim Integrated Products MAX5521 Datasheet HTML 8Page - Maxim Integrated Products MAX5521 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3) Verify that all jumpers (JU1–JU6) are in their default
positions, as shown in Table 1.
4) To measure OUTA, connect the first DVM between
H2-1 (OUTA) and H2-2 (GND).
5) To measure OUTB, connect the second DVM
between H2-3 (OUTA) and H2-4 (GND).
6) Connect the USB cable from the PC to the EV kit
board. A Building Driver Database window pops
up in addition to a New Hardware Found mes-
sage when installing the USB driver for the first
time. If you do not see a window that is similar to
the one described above after 30s, remove the
USB cable from the board and reconnect it.
Administrator privileges are required to install the
USB device driver on Windows 2000 and XP.
Refer to the TROUBLESHOOTING_USB.PDF docu-
ment included with the software if any problems
arise during this step.
7) Follow the directions of the Add New Hardware
Wizard to install the USB device driver. Choose the
Search for the best driver for your device option.
Specify the location of the device driver to be
C:\Program Files\MAX5535 (default installation
directory) using the Browse button.
8) Start the MAX5535 EV kit software by opening its
icon in the Start | Programs menu. The EV kit soft-
ware main window should appear, as shown in
Figure 1.
9) Enter 0xD2E into the D11 - D0 (Shift Register Data
Bits) edit box.
10) Press the lower Load DAC A and DAC B button
located at the bottom of the EV kit software main
window. This loads input and output DAC registers
from the shift register.
11) Verify that the voltage shown on both DVMs is
approximately 1V.
MAX5535 Evaluation Kit
_______________________________________________________________________________________
3
Table 1. MAX5535 EV Kit Jumper Descriptions (JU1–JU6)
JUMPER
SHUNT
POSITION
DESCRIPTION
1-2*
MAX5535 VDD is set to the on-board 3.3V supply powered from the USB port.
JU1
2-3
Connect an external 1.8V to 5V supply to the VDD pad.
1-2
Connect user-supplied
CS signal to the on-board CS pad.
JU2
2-3*
MAX5535
CS signal connected to on-board microcontroller.
1-2
Connect user-supplied SCLK signal to the on-board SCLK pad.
JU3
2-3*
MAX5535 SCLK signal connected to on-board microcontroller.
1-2
Connect user-supplied DIN signal to the on-board DIN pad.
JU4
2-3*
MAX5535 DIN signal connected to on-board microcontroller.
1-2
REFIN = 2.5V from the on-board external reference (MAX6126) for all external reference parts only.
2-3
REFIN = VDD for external reference parts only.
JU5
Open*
Default state for all internal reference parts with a REFOUT pin. Measure REFOUT at pin 2 of JU5.
Note: For external reference parts, connect a 0V to VDD reference voltage to pin 2 of JU5.
1-2*
Normal operation.
JU6
Open
Measure the MAX5535 supply current by putting a current meter in series with the jumper.
*
Default position.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com