Electronic Components Datasheet Search
  English  ▼

X  

GD25LE256D Datasheet(PDF) 30 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE256D
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE256D Datasheet(HTML) 30 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE256D Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 83 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE256D
30
7.12. Dual I/O Fast Read (BBH)
The Dual I/O Fast Read command is similar to the Dual Output Fast Read command but with the capability to input
the 3-byte address (A23-0) or a 4-byte address (A31-A0) and a
“Continuous Read Mode” byte 2-bit per clock by SI and SO,
and each bit is latched in on the rising edge of SCLK, then the memory contents are shifted out 2-bit per clock cycle from
SI and SO. The command sequence is shown in followed Figure13. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out. The default read
mode is 3-byte address mode, and the lower 128Mbit can be read with a single Dual I/O Fast Read (BBH) command. By
entering 4-byte address mode, or to set EN4B (S11) bit to 1, the higher 128Mbit can be read with a single Dual I/O Fast
Read (BBH) command.
Dual I/O Fast Read with
“Continuous Read Mode”
The Dual I/O Fast Read command can further reduce command overhead through setting the
“Continuous Read Mode”
bits (M7-0) after the input 3-byte address (A23-A0) or a 4-byte address (A31-A0). If the
“Continuous Read Mode” bits (M5-
4) = (1, 0), then the next Dual I/O Fast Read command (after CS# is raised and then lowered) does not require the BBH
command code. The command sequence is shown in followed Figure13a. If the
“Continuous Read Mode” bits (M5-4) do
not equal (1, 0), the next command requires the first BBH command code, thus returning to normal operation.
Figure13. Dual I/O Fast Read Sequence Diagram (M5-4
≠ (1, 0))
Command
0
1
2
3
4
5
6
7
BBH
CS#
SCLK
SI(IO0)
SO(IO1)
8
9 10 11 12 13 14 15
6
4
2
0
6
4
2
0
16 17 18 19 20 21 22 23
6
4
2
0
6
4
2
0
7
5
3
1
7
5
3
1
7
5
3
1
7
5
3
1
A23-16
A15-8
A7-0
M7-0
CS#
23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39
SI(IO0)
SO(IO1)
6
4
2
0
6
4
2
0
6
4
2
0
6
4
2
0
7
5
3
1
7
5
3
1
7
5
3
1
7
5
3
1
SCLK
6
7
Byte1
Byte2
Byte3
Byte4
Note: The device default is in 24-bit address mode. For 4-byte mode, the address length becomes 32-bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com