Electronic Components Datasheet Search
  English  ▼

X  

GD25LE256D Datasheet(PDF) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE256D
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE256D Datasheet(HTML) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE256D Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256D Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE256D
35
7.14. Quad I/O Word Fast Read (E7H)
The Quad I/O Word Fast Read command is similar to the Quad I/O Fast Read command except that the lowest
address bit (A0) must equal 0 and only 2-dummy clock. The command sequence is shown in followed Figure15. The first
byte addressed can be at any location. The address is automatically incremented to the next higher address after each byte
of data is shifted out. The default read mode is 3-byte address mode, and the lower 128Mbit can be read with a single Quad
I/O Word Fast Read (E7H) command. By entering 4-byte address mode, or to set EN4B (S11) bit to 1, the higher 128Mbit
can be read with a single Quad I/O Word Fast Read (E7H) command. The Quad Enable bit (QE) of Status Register (S9)
must be set to enable for the Quad I/O Word Fast read command.
Quad I/O Word Fast Read with
“Continuous Read Mode”
The Quad I/O Word Fast Read command can further reduce command overhead through setting the
“Continuous
Read Mode
” bits (M7-0) after the input 3-byte address (A23-A0) or a 4-byte address (A31-A0). If the “Continuous Read
Mode
” bits (M5-4) = (1, 0), then the next Quad I/O Word Fast Read command (after CS# is raised and then lowered) does
not require the E7H command code. The command sequence is shown in followed Figure15. If the
“Continuous Read Mode”
bits (M5-4) do not equal to (1, 0), the next command requires the first E7H command code, thus returning to normal operation.
Figure15. Quad I/O Word Fast Read Sequence Diagram (M5-4
≠ (1, 0))
Note: The device default is in 24-bit address mode. For 4-byte mode, the address length becomes 32-bit.
Figure15a. Quad I/O Word Fast Read Sequence Diagram (M5-4= (1, 0))
Note: The device default is in 24-bit address mode. For 4-byte mode, the address length becomes 32-bit.
0
1
2
3
4
5
6
7
CS#
SCLK
8
9 10 11 12 13 14 15
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
5
6
7
A23-16 A15-8 A7-0
M7-0 Dummy Byte1 Byte2
4
0
5
1
6
2
7
3
Byte3
Command
0
1
2
3
4
5
6
7
E7H
CS#
SCLK
SI(IO0)
SO(IO1)
8
9 10 11 12 13 14 15
4
0
4
0
4
0
4
0
16 17 18 19 20 21 22 23
4
0
4
0
5
1
5
1
5
1
5
1
5
1
5
1
A23-16 A15-8 A7-0
M7-0
6
2
6
2
6
2
6
2
6
2
6
2
7
3
7
3
7
3
7
3
7
3
7
3
WP#(IO2)
HOLD#(IO3)
4
5
6
7
Dummy
Byte1 Byte2
4
0
5
1
6
2
7
3
Byte3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com