Electronic Components Datasheet Search
  English  ▼

X  

SD3301 Datasheet(PDF) 1 Page - SHOUDING Shouding Semiconductor

Part # SD3301
Description  1W & 3W Light touch switch LED / head light drive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD3301 Datasheet(HTML) 1 Page - SHOUDING Shouding Semiconductor

  SD3301 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD3301 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD3301 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD3301 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD3301
SD3301
SD3301
1W&3W轻触开关LED手电筒/头灯驱动
1 / 4
概述
是 一颗高 效率 LED 驱 动芯 片,采 用了 极 小的
SOT23-6封装形式,仅需要一个外围轻触开关,就可以实现
LED手电筒功能,既节省PCB空间,又节省系统的成本。单
节锂电池可以驱动1W或者3W的LED灯。
拥有过热保护,电池反接保护和LED开路,短路保
护功能。完善的保护功能大大提高工厂生产效率,减少返修。
提供小型SOT23-6的封装
特征
3种模式:全亮,25%亮度,暴闪(10Hz)
内置SOS模式(长按3S)
工作电压: 2.7V to 4.8V
效率高达90%
ESD静电保护超过8000V
用途
LED手电筒
LED头灯
典型应用图
三节干电池应用图
VDD
GND
2
4
LED-
5
KG
6
2.7V to 4.8V
一节锂电池应用图
VDD
GND
2
4
LED-
5
KG
6
2.7V to 4.2V
Rs
Shouding
SD3301
SD3301
SD3301
www.shouding.net


Similar Part No. - SD3301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD3301AD ETC-SD3301AD Datasheet
110Kb / 3P
N CHNNEL ENHANCEMENT MODE D MOS POWER FETS
SD3301BD ETC-SD3301BD Datasheet
110Kb / 3P
N CHNNEL ENHANCEMENT MODE D MOS POWER FETS
SD3301CHP ETC-SD3301CHP Datasheet
110Kb / 3P
N CHNNEL ENHANCEMENT MODE D MOS POWER FETS
SD3301HD ETC-SD3301HD Datasheet
110Kb / 3P
N CHNNEL ENHANCEMENT MODE D MOS POWER FETS
More results

Similar Description - SD3301

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLG-313E LIGITEK-LGLG-313E Datasheet
186Kb / 12P
3W Power Light LED
LGLV-313E LIGITEK-LGLV-313E Datasheet
194Kb / 13P
3W Power Light LED
LGLV-313E1 LIGITEK-LGLV-313E1 Datasheet
195Kb / 13P
3W Power Light LED
LGLW-313E LIGITEK-LGLW-313E Datasheet
197Kb / 13P
3W Power Light LED
LGSV-313H LIGITEK-LGSV-313H Datasheet
156Kb / 11P
3W Power Light LED
logo
Panasonic Semiconductor
EVPAA002K PANASONIC-EVPAA002K Datasheet
146Kb / 8P
LIGHT TOUCH SWITCH
EVPAA202K PANASONIC-EVPAA202K Datasheet
146Kb / 8P
LIGHT TOUCH SWITCH
EVPAA402W PANASONIC-EVPAA402W Datasheet
145Kb / 8P
LIGHT TOUCH SWITCH
EVPAA602W PANASONIC-EVPAA602W Datasheet
145Kb / 8P
LIGHT TOUCH SWITCH
EVPAA802Q PANASONIC-EVPAA802Q Datasheet
146Kb / 8P
LIGHT TOUCH SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com