Electronic Components Datasheet Search
  English  ▼

X  

SD3303 Datasheet(PDF) 3 Page - SHOUDING Shouding Semiconductor

Part # SD3303
Description  3W HIGH POWER WHITE LED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD3303 Datasheet(HTML) 3 Page - SHOUDING Shouding Semiconductor

  SD3303 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 of 8
July 2013
Thermal Information
Parameter
Symbol
Package
Max
Unit
Thermal Resistance (Junction to Case)
θJC
TSOT26
130
°C/W
Thermal Resistance (Junction to Ambient)
θJA
TSOT26
250
Internal Power Dissipation
PD
TSOT26
400
mW
Electrical Characteristics
(@TA = +25°C, VIN = 2.4V, ILED = 750mA, VSHDN = VIN, L = 2.2µH, CIN = 10µF, CO = 10µF, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
0.9
VF-0.2
(Note 1)
V
Feedback Voltage
VFB
90
95
100
mV
Start-Up Voltage
VSTART
VIN: 0V – 3V, ILED = 370mA
0.9
V
Hold Voltage
VHOLD
VIN: 3V – 0V, ILED: 750mA – 200mA
0.75
V
Oscillator Frequency
FOSC
0.85
1.0
1.15
MHz
SHDN Input High
VSH
VIN = 1.8V
1.0
V
SHDN Input Low
VSL
VIN = 1.8V
0.4
V
Over Temperature Shutdown
OTS
150
°C
Over Temperature Hysteresis
OTH
15
°C
Maximum Output Current Range
IO(MAX)
750
mA
Quiescent Current
IQ
ILED = 0mA, VO = 3.4V,
Device Switching @ 1MHz
1
3
mA
Shutdown Current
ISD
Shutdown Mode
1
µA
Switch On Resistance
RDS(ON)
VO = 3.4V
0.1
Ω
Current Limit
ILIM
VO = 3.4V
2
A
Efficiency
η
ILED = 750mA
90
%
Note:
1. VF – LED forward voltage.
www.shouding.net
SD3303
3W HIGH POWER WHITE LED DRIVER
Shouding



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com