Electronic Components Datasheet Search
  English  ▼

X  

SD3303 Datasheet(PDF) 1 Page - SHOUDING Shouding Semiconductor

Part # SD3303
Description  3W HIGH POWER WHITE LED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD3303 Datasheet(HTML) 1 Page - SHOUDING Shouding Semiconductor

  SD3303 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD3303 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.shouding.net
SD3303
1 of 8
The SD3303 is available in the 6-lead TSOT26 package.
The SD3303 is targeted to be used for driving loads up to 1A from a
The SD3303 is a set-up DC-DC converter that delivers a regulated
July 2013
3W HIGH POWER WHITE LED DRIVER
Description
output current. The device switches at a 1.0MHz constant frequency,
allowing for the use of small value external inductor and ceramic
capacitors.
two-cell alkaline battery. The LED current can be programmed by the
external current sense resistor, RS, connected between the feedback
pin (FB) and ground. A low 95mV feedback voltage reduces the
power loss in the Rs for better efficiency. With its internal 2A, 100m
Ω
NMOS switch, the device can provide high efficiency even at heavy
load. During the shutdown mode, the feedback resistor RS and the
load are completely disconnected and the current consumption is
reduced to less than 1µA.
Features
LED Power Efficiency: up to 90%
Current Accuracy: 5%(VIN = 3.6V to 1.8V @VF = 3.7V)
Low Start-Up Voltage: 0.9V (ILED = 270mA)
Low Hold Voltage: 0.75 (ILED = 200mA)
1MHz Switching Frequency
Uses Small, Low Profile External Components
Low RDS(ON): 100mΩ (typ)
Over Temperature Protection
Low Profile TSOT26 Package
Pb-Free Package
Pin Assignments
Applications
White LED Torch (Flashlight)
White LED Camera Flash
DSC(Digital Still Camera)Flash
Cellular Camera Phone Flash
PDA Camera Flash
Camcorder Torch(Flashlight) Lamp
Typical Applications Circuit
ILED = 750mA, RS = 0.127Ω
Top View
TSOT26
SD3303
Shouding


Similar Part No. - SD3303

ManufacturerPart #DatasheetDescription
logo
DFI Inc
SD330-Q170 DFI-SD330-Q170 Datasheet
1,002Kb / 2P
6th/7th Gen Intel® CoreTM Processor microATX
SD330-Q170CRM DFI-SD330-Q170CRM Datasheet
1,002Kb / 2P
6th/7th Gen Intel® CoreTM Processor microATX
logo
List of Unclassifed Man...
SD3300 ETC-SD3300 Datasheet
110Kb / 3P
N CHNNEL ENHANCEMENT MODE D MOS POWER FETS
SD3300AD ETC-SD3300AD Datasheet
110Kb / 3P
N CHNNEL ENHANCEMENT MODE D MOS POWER FETS
SD3300BD ETC-SD3300BD Datasheet
110Kb / 3P
N CHNNEL ENHANCEMENT MODE D MOS POWER FETS
More results

Similar Description - SD3303

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF02 STMICROELECTRONICS-STCF02 Datasheet
223Kb / 4P
High Power White Led Driver
05-Oct-2005
logo
YOBON TECHNOLOGIES,INC.
YB1509 YOBON-YB1509 Datasheet
96Kb / 7P
High-Power White LED Driver
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
High-Power White LED Driver
logo
Power Analog Micoelectr...
PAM2800 PAM-PAM2800 Datasheet
92Kb / 7P
High Power White LED Driver
PAM2803 PAM-PAM2803 Datasheet
211Kb / 8P
3W High Power White LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3604 FOSLINK-FSP3604 Datasheet
559Kb / 6P
3W HIGH POWER WHITE LED DRIVER
logo
Diodes Incorporated
PAM2803 DIODES-PAM2803 Datasheet
392Kb / 9P
3W HIGH POWER WHITE LED DRIVER
Rev 2
logo
SHENZHEN FUMAN ELECTRON...
SC2803 FUMAN-SC2803 Datasheet
411Kb / 7P
3W high power white LED driver
logo
Elite Enterprises (H.K....
PG1A-3LWX-SDBK ELITE-PG1A-3LWX-SDBK Datasheet
419Kb / 12P
3W White Power LED
logo
Diodes Incorporated
PAM2800AABR DIODES-PAM2800AABR Datasheet
293Kb / 7P
HIGH POWER WHITE LED DRIVER
December 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com